Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-1-2SFHC Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE-1-2SFHC
Description  Low Loss 1/2 Superflexible Helical Corrugated Coax Cable with Black PE Jacket
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-1-2SFHC Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE-1-2SFHC Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-1-2SFHC Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-1-2SFHC Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-1-2SFHC Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
© 2012 Pasternack Enterprises All Rights Reserved
PE-1/2SFHC CAD Drawing
Low Loss 1/2 Superflexible Helical Corrugated Coax Cable with Black PE Jacket
PE-1/2SFHC REV
PE-1/2SFHC CAD Drawing
Low Loss 1/2 Superflexible Helical Corrugated Coax Cable with Black PE Jacket


Similar Part No. - PE-1-2SFHC

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-1-2FAC PASTERNACK-PE-1-2FAC Datasheet
373Kb / 4P
   Low Loss 1/2 Flexible Annular Corrugated Coax Cable with Black PE Jacket
More results

Similar Description - PE-1-2SFHC

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-1-4SFHC PASTERNACK-PE-1-4SFHC Datasheet
364Kb / 4P
   Low Loss 1/4 Superflexible Helical Corrugated Coax Cable with Black PE Jacket
PE-1-2FAC PASTERNACK-PE-1-2FAC Datasheet
373Kb / 4P
   Low Loss 1/2 Flexible Annular Corrugated Coax Cable with Black PE Jacket
PE-C400 PASTERNACK-PE-C400 Datasheet
464Kb / 3P
   Low Loss Flexible RG8 Type Coax Cable Double Shielded with Black PE Jacket
PE-C240 PASTERNACK-PE-C240 Datasheet
1Mb / 4P
   Low Loss Flexible RG8X Type Coax Cable Double Shielded with Black PE Jacket
PE-C195 PASTERNACK-PE-C195 Datasheet
1Mb / 4P
   Low Loss Flexible RG58 Type Coax Cable Double Shielded with Black PE Jacket
PE-C300 PASTERNACK-PE-C300 Datasheet
1Mb / 3P
   Low Loss Flexible .300 inch Foam Dielectric Type Coax Cable Double Shielded with Black PE Jacket
PE-C600 PASTERNACK-PE-C600 Datasheet
471Kb / 4P
   Low Loss Flexible .600 inch Foam Dielectric Type Coax Cable Double Shielded with Black PE Jacket
PE-C100-LSZH PASTERNACK-PE-C100-LSZH Datasheet
365Kb / 4P
   Low Loss Flexible RG174 Type Coax Cable Double Shielded with Black LSZH Jacket
RG71B-U PASTERNACK-RG71B-U Datasheet
314Kb / 3P
   93 Ohm Flexible RG71 COAX Cable Double Shielded with Black PE Jacket
RG55B-U PASTERNACK-RG55B-U Datasheet
1Mb / 3P
   53 Ohm Flexible RG55 Coax Cable Double Shielded with Black PE Jacket
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com