Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PONA2114-2-DC-TC-03 Datasheet(PDF) 3 Page - Emcore Corporation

Part # PONA2114-2-DC-TC-03
Description  Erbium Doped Fiber Amplifier (EDFA)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

PONA2114-2-DC-TC-03 Datasheet(HTML) 3 Page - Emcore Corporation

  PONA2114-2-DC-TC-03 Datasheet HTML 1Page - Emcore Corporation PONA2114-2-DC-TC-03 Datasheet HTML 2Page - Emcore Corporation PONA2114-2-DC-TC-03 Datasheet HTML 3Page - Emcore Corporation PONA2114-2-DC-TC-03 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Outline Drawing
AC versions shown below with 8-port option
DC versions shown below with 8-port option
Compliance Information
89/336/EEC
Electromagnetic Compatibility Directive, amended by 92/31/EEC & 93/68/EEC
73/23/EEC
Low Voltage Directive, amended by 93/68/EEC
EN 50083-2, (2001)
Cable networks for TV signals, sounds and interactive services, Part 2
Electromagnetic Compatibility for equipment.
EN 55013
Mains Conducted Emissions
EN 61000-3-2
Mains Frequency and its Harmonics, Conducted Emissions
EN 55020
Radiation from Active Equipment, Radiated Immunity
EN 61000-4-6
Immunity of Active Equipment, Radiated Immunity
EN 61000-4-3
Immunity of Active Equipment, Radiated Immunity
EN 61000-4-2
Electrostatic Discharge Immunity
EN 61000-4-4
Electrical Fast Transient / Burst Immunity
EN 60950
Low Voltage Directives
EN 60825-1
Laser Safety Requirement
EN 60825-2
Laser Safety Requirement
CDRH
Laser Safety Requirement
Fit Rate:
90% level of confidence < 1700 @ 30
C (PONA 2130)
PONA 2100 Series


Similar Part No. - PONA2114-2-DC-TC-03

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PONA2114-2-DC-SC-00 EMCORE-PONA2114-2-DC-SC-00 Datasheet
481Kb / 4P
   Full Functionality 1 RU EDFA
More results

Similar Description - PONA2114-2-DC-TC-03

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
logo
Emcore Corporation
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
logo
Ericsson
PGE60803 ERICSSON-PGE60803 Datasheet
246Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
PGE60801 ERICSSON-PGE60801 Datasheet
234Kb / 4P
   Erbium-Doped Fiber Amplifier for Digital Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com