Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0415CDMCBDS-1R5MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # 0415CDMCBDS-1R5MC
Description  Magnetically shielded
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

0415CDMCBDS-1R5MC Datasheet(HTML) 3 Page - Sumida Corporation

  0415CDMCBDS-1R5MC Datasheet HTML 1Page - Sumida Corporation 0415CDMCBDS-1R5MC Datasheet HTML 2Page - Sumida Corporation 0415CDMCBDS-1R5MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
Revised: 13-Mar-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
0415CDMCB/DS
Solder Reflow Condition
170
±10 ℃,60~120s
40s
230
245℃ PEAK
Heat Endurance
Temperature Chart
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T (℃)
T (s)
60
260℃
230℃
0
100
150
200
250
300
50
T (℃)
300
120
180
240
0
T (s)
60
Neumarkt
Obernzell
Chicago
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
infocomp@eu.sumida.com
Tel.+49-8591-937-0
FAX. +49-8591-937-103
contact@sumida-eu.com
Tel.+1-847-545-6700
FAX. +1-847-545-6720
sales@us.sumida.com
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+1-408-321-9660
FAX.+1-408-321-9308
sales@us.sumida.com
Tel.+65-6296-3388
FAX.+65-6296-3390
sales@sg.sumida.com
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
sales@kr.sumida.com
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
sales@jp.sumida.com
San Jose
Singapore
Seoul
Tokyo
Please refer to the sales offices on our website - http://www.sumida.com
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
sales@tw.sumida.com
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
shenzhen.sales@cn.sumida.com
Tel.+86-021-5836-3299
FAX.+86-021-5836-3266
shanghai.sales@cn.sumida.com
Tel.+852-2880-6688
FAX.+852-2565-9600
sales@hk.sumida.com


Similar Part No. - 0415CDMCBDS-1R5MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
0415CDMC SUMIDA-0415CDMC Datasheet
116Kb / 2P
   Magnetically shielded.
0415CDMCCDS SUMIDA-0415CDMCCDS Datasheet
315Kb / 5P
   SMD Power Inductor
0415CDMCCDS-1R0MC SUMIDA-0415CDMCCDS-1R0MC Datasheet
315Kb / 5P
   SMD Power Inductor
0415CDMCCDS-1R5MC SUMIDA-0415CDMCCDS-1R5MC Datasheet
315Kb / 5P
   SMD Power Inductor
0415CDMCCDS-2R2MC SUMIDA-0415CDMCCDS-2R2MC Datasheet
315Kb / 5P
   SMD Power Inductor
More results

Similar Description - 0415CDMCBDS-1R5MC

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
MDT2520ACN TOKO-MDT2520ACN Datasheet
128Kb / 1P
   Magnetically shielded
MBH10145C TOKO-MBH10145C Datasheet
245Kb / 1P
   Magnetically shielded
MBH12282C TOKO-MBH12282C Datasheet
246Kb / 1P
   Magnetically shielded
MBH7045C TOKO-MBH7045C Datasheet
297Kb / 2P
   Magnetically shielded
logo
Sumida Corporation
0415CDMC SUMIDA-0415CDMC Datasheet
116Kb / 2P
   Magnetically shielded.
0412CDMC SUMIDA-0412CDMC Datasheet
126Kb / 3P
   Magnetically shielded.
0420CDMCB SUMIDA-0420CDMCB Datasheet
171Kb / 3P
   Magnetically shielded.
0520CDMC SUMIDA-0520CDMC Datasheet
139Kb / 4P
   Magnetically shielded
0520CDMCBDS SUMIDA-0520CDMCBDS Datasheet
139Kb / 4P
   Magnetically shielded
logo
TOKO, Inc
MDT1608-CH TOKO-MDT1608-CH Datasheet
215Kb / 1P
   Magnetically shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com