Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS1508CT-25 Datasheet(PDF) 7 Page - Advanced Monolithic Systems

Part # AMS1508CT-25
Description  8A LOW DROPOUT VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1508CT-25 Datasheet(HTML) 7 Page - Advanced Monolithic Systems

  AMS1508CT-25 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1508CT-25 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1508CT-25 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1508CT-25 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1508CT-25 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1508CT-25 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1508CT-25 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1508CT-25 Datasheet HTML 8Page - Advanced Monolithic Systems AMS1508CT-25 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS1508
TYPICAL PERFORMANCE CHARACTERISTICS
Reference Voltage vs
Temperature
1.242
1.244
1.246
1.248
1.250
1.252
1.254
1.256
1.258
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (° C)
Load Current Step Response
50
µ/DIV
V
OUT
50
µV/DIV
7A
400mA
LOAD
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
20
40
60
80
100
120
140
0
2
1
0
0.5
1.0
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
Control Pin Current vs
Output Current
Minimum Control Voltage
Dropout Voltage -
Minimum Power Voltage
TYPICAL
DEVICE
T
J = 125° C
T
J = 25° C
8
8
T
J = 25° C
T
J = 125° C
8


Similar Part No. - AMS1508CT-25

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1508CT-2.5 ADMOS-AMS1508CT-2.5 Datasheet
174Kb / 9P
   8A LOW DROPOUT VOLTAGE REGULATOR
AMS1508CT-2.85 ADMOS-AMS1508CT-2.85 Datasheet
174Kb / 9P
   8A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1508CT-25

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1508 ADMOS-AMS1508_05 Datasheet
174Kb / 9P
   8A LOW DROPOUT VOLTAGE REGULATOR
AMS1083 ADMOS-AMS1083 Datasheet
71Kb / 8P
   8A LOW DROPOUT VOLTAGE REGULATOR
AMS1083 ADMOS-AMS1083_05 Datasheet
69Kb / 8P
   8A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1083 SIPEX-SPX1083 Datasheet
143Kb / 5P
   8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com