Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9272 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9272
Description  75 OHM SMC PLUG TO 75 OHM SMC PLUG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9272 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9272 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMC Plug to SMC Plug Adapter
Configuration
Connector 1
SMC Plug
Impedance 1
75 Ohms
Connector 2
SMC Plug
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
0.94 [23.88]
Width/Dia., in [mm]
0.345 [8.76]
.
Connector 1
Type
SMC Plug
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
SMC Plug
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMC Plug to SMC Plug Adapter PE9272
PE9272
PE9272 REV
75 Ohm SMC Plug to SMC Plug Adapter


Similar Part No. - PE9272

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9272 PASTERNACK-PE9272 Datasheet
233Kb / 3P
   75 Ohm SMC Plug to SMC Plug Adapter
More results

Similar Description - PE9272

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9272 PASTERNACK-PE9272 Datasheet
233Kb / 3P
   75 Ohm SMC Plug to SMC Plug Adapter
PE3388LF PASTERNACK-PE3388LF Datasheet
110Kb / 1P
   CABLE ASSEMBLY PE-B150 75 OHM SMC PLUG TO 75 OHM SMC PLUG
PE9588 PASTERNACK-PE9588 Datasheet
77Kb / 1P
   75 OHM SMC PLUG TO 75 OHM N MALE
PE3362 PASTERNACK-PE3362 Datasheet
275Kb / 1P
   CABLE ASSEMBLY RG59B/U BLACK 75 OHM SMC PLUG TO 75 OHM SMC PLUG
PE3376LF PASTERNACK-PE3376LF Datasheet
231Kb / 1P
   CABLE ASSEMBLY RG179/U 75 OHM SMC PLUG TO 75 OHM SMC PLUG(LEAD FREE)
PE3362LF PASTERNACK-PE3362LF Datasheet
258Kb / 1P
   CABLE ASSEMBLY RG59B/U-BLACK 75 OHM SMC PLUG TO 75 OHM SMC PLUG(LEAD FREE)
PE6055 PASTERNACK-PE6055 Datasheet
78Kb / 1P
   75 OHM SMC PLUG RESISTOR TERMINATION
PE3388 PASTERNACK-PE3388 Datasheet
113Kb / 1P
   CABLE ASSEMBLY PE-B150 75OHM SMC PLUG TO 75 OHM SMC PLUG
PE9589 PASTERNACK-PE9589 Datasheet
252Kb / 2P
   75 Ohm N Female to SMC Plug Adapter
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
   50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com