Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS1510 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS1510
Description  10A LOW DROPOUT VOLTAGE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1510 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS1510 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1510 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1510 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1510 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1510 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1510 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1510 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1510 Datasheet HTML 8Page - Advanced Monolithic Systems AMS1510 Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Advanced Monolithic Systems, Inc.
6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS1510
Monolithic
10A LOW DROPOUT VOLTAGE REGULATORS
Systems
FEATURES
APPLICATIONS
•• Adjustable or Fixed Output
•• High Current Regulators
1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V
•• Post Regulators for Switching Supplies
•• Output Current of 10A
•• Microprocessor Supply
•• Low Dropout, 500mV at 10A Output Current
•• Adjustable Power Supply
•• Fast Transient Response
•• Notebook/Personal Computer Supplies
•• Remote Sense
GENERAL DESCRIPTION
The
The AMS1510 series of adjustable and fixed low dropout voltage regulators are designed to provide 10A output current to
power the new generation of microprocessors. The dropout voltage of the device is 100mV at light loads and rising to 500mV
at maximum output current. A second low current input voltage 1V or greater then the output voltage is required to achieve
this dropout. The AMS1510 can also be used as a single supply device.
New features have been added to the AMS1510: a remote Sense pin is brought out virtually eliminating output voltage
variations due to load changes. The typical load regulation, measured at the Sense pin, for a load current step of 100mA to
10A is less than 1mV.
The AMS1510 series has fast transient response. The Adjust pin is brought out on fixed devices. To further improve the
transient response the addition of a small capacitor on the Adjust pin is recommended.
The AMS1510 series are ideal for generating processor supplies of 2V to 3V on motherboards where both 5V and 3.3V
supplies are available.
The AMS1510 devices are offered in 5 lead TO-220 and TO-263 (plastic DD) packages and in the 7 lead TO-220 package.
ORDERING INFORMATION:
PIN CONNECTIONS
PACKAGE TYPE
OPERATING JUNCTION
5 LEAD TO-263
5 LEAD TO-220
7 LEAD TO-220 TEMPERATURE RANGE
AMS1510CM
AMS1510CT
AMS1510CT-1.5
0 to 125
° C
AMS1510CM-1.5
AMS1510CT-1.5
AMS1510CT-2.5
0 to 125
° C
AMS1510CM-2.5
AMS1510CT-2.5
AMS1510CT-2.85
0 to 125
° C
AMS1510CM-2.85 AMS1510CT-2.85 AMS1510CT-3.0
0 to 125
° C
AMS1510CM-3.0
AMS1510CT-3.0
AMS1510CT-3.3
0 to 125
° C
AMS1510CM-3.3
AMS1510CT-3.3
AMS1510CT-3.5
0 to 125
° C
AMS1510CM-3.5
AMS1510CT-3.5
AMS1510CT-5.0
0 to 125
° C
AMS1510CM-5.0
AMS1510CT-5.0
0 to 125
° C
5
4
3
2
1
V
POWER
V
CONTROL
OUTPUT
ADJUST/GND
SENSE
FRONT VIEW
5 LEAD TO-220
7
6
5
4
3
2
1
NC
Vpower
ADJUST
OUTPUT
Vcontrol
GND
SENSE
7 LEAD TO-220
FRONT VIEW
5
4
3
2
1
Vpower
Vcontrol
OUTPUT
ADJUST/GND
SENSE
FRONT VIEW
5 LEAD TO-263


Similar Part No. - AMS1510

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1510 ADMOS-AMS1510 Datasheet
90Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510CM ADMOS-AMS1510CM Datasheet
90Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510CM-1.5 ADMOS-AMS1510CM-1.5 Datasheet
90Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510CM-2.5 ADMOS-AMS1510CM-2.5 Datasheet
90Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1510CM-2.85 ADMOS-AMS1510CM-2.85 Datasheet
90Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - AMS1510

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1510 ADMOS-AMS1510_05 Datasheet
90Kb / 9P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082 ADMOS-AMS1082 Datasheet
71Kb / 8P
   10A LOW DROPOUT VOLTAGE REGULATORS
AMS1082 ADMOS-AMS1082_05 Datasheet
88Kb / 8P
   10A LOW DROPOUT VOLTAGE REGULATORS
logo
Linear Technology
LT1581 LINER-LT1581_15 Datasheet
241Kb / 12P
   10A, Very Low Dropout Regulators
LT1581 LINER-LT1581 Datasheet
264Kb / 12P
   10A, Very Low Dropout Regulators
LT1581-2.5 LINER-LT1581-2.5_15 Datasheet
241Kb / 12P
   10A, Very Low Dropout Regulators
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com