Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9260 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9260
Description  SMA Female to GR874 Sexless Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9260 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9260 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9260 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
© 2012 Pasternack Enterprises All Rights Reserved
PE9260 REV
SMA Female to GR874 Sexless Adapter
PE9260
CAD Drawing


Similar Part No. - PE9260

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
   N Female to BNC Female Bulkhead Adapter
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
   SMA Male to SMA Female Radius Right Angle Adapter
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
   SMA Male to SMA Female Radius Right Angle Adapter
PE9263 PASTERNACK-PE9263 Datasheet
251Kb / 3P
   N Female to TNC Male Right Angle Adapter
PE9264 PASTERNACK-PE9264 Datasheet
234Kb / 2P
   HN Male to MHV Female Adapter
More results

Similar Description - PE9260

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9259 PASTERNACK-PE9259 Datasheet
231Kb / 2P
   SMA Male to GR874 Sexless Adapter
PE9222 PASTERNACK-PE9222 Datasheet
241Kb / 2P
   GR874 Sexless to BNC Female Adapter
PE9387 PASTERNACK-PE9387 Datasheet
250Kb / 3P
   HN Female to GR874 Sexless Adapter
PE9386 PASTERNACK-PE9386 Datasheet
249Kb / 3P
   HN Male to GR874 Sexless Adapter
PE9257 PASTERNACK-PE9257 Datasheet
242Kb / 2P
   N Male to GR874 Sexless Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
   Precision SMA Female to 7mm Sexless Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
   Precision SMA Female to 7mm Sexless Adapter
PE9327 PASTERNACK-PE9327 Datasheet
253Kb / 2P
   Precision 4 Hole Flange SMA Female to 7mm Sexless Adapter
PE9215 PASTERNACK-PE9215 Datasheet
234Kb / 2P
   Precision SMA Male to 7mm Sexless Adapter
PE9220 PASTERNACK-PE9220 Datasheet
242Kb / 3P
   Precision 7mm Sexless to BNC Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com