Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9259 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9259
Description  GR874 TO SMA MALE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9259 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9259 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
TECHNICAL DATA SHEET
SMA Male to GR874 Sexless Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector 2
GR874 Sexless
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.838 [46.69]
Width/Dia., in [mm]
0.81 [20.57]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
GR874 Sexless
Inner Conductor Material and Plating
Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male to GR874 Sexless Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to GR874 Sexless Adapter PE9259
URL: http://www.pasternack.com/sma-male-gr874-sexless-straight-adapter-pe9259-p.aspx
PE9259
PE9259 REV
SMA Male to GR874 Sexless Adapter


Similar Part No. - PE9259

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9259 PASTERNACK-PE9259 Datasheet
231Kb / 2P
   SMA Male to GR874 Sexless Adapter
More results

Similar Description - PE9259

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9259 PASTERNACK-PE9259 Datasheet
231Kb / 2P
   SMA Male to GR874 Sexless Adapter
PE9223 PASTERNACK-PE9223 Datasheet
79Kb / 1P
   GR874 TO BNC MALE
PE9260 PASTERNACK-PE9260 Datasheet
244Kb / 2P
   SMA Female to GR874 Sexless Adapter
PE9386 PASTERNACK-PE9386 Datasheet
249Kb / 3P
   HN Male to GR874 Sexless Adapter
PE9257 PASTERNACK-PE9257 Datasheet
242Kb / 2P
   N Male to GR874 Sexless Adapter
PE9286 PASTERNACK-PE9286 Datasheet
104Kb / 1P
   GR874 TO GR874 RIGHT ANGLE
PE3200 PASTERNACK-PE3200 Datasheet
136Kb / 1P
   CABLE ASSEMBLY RG142B/U GR874 TO GR874
PE3211 PASTERNACK-PE3211 Datasheet
135Kb / 1P
   CABLE ASSEMBLY RG58C/U GR874 TO GR874
PE3182LF PASTERNACK-PE3182LF Datasheet
131Kb / 1P
   CABLE ASSEMBLY RG223/U GR874 TO BNC MALE
PE3158LF PASTERNACK-PE3158LF Datasheet
153Kb / 1P
   CABLE ASSEMBLY RG214/U GR874 TO GR874
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com