Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9257 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9257
Description  N Male to GR874 Sexless Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9257 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9257 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9257 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Male to GR874 Sexless Adapter
Configuration
Connector 1
N Male
Impedance 1
50 Ohms
Connector 2
GR874 Sexless
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
2.07 [52.58]
Width/Dia., in [mm]
0.81 [20.57]
.
Connector 1
Type
N Male
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
GR874 Sexless
Inner Conductor Material and Plating
Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/n-male-gr874-sexless-straight-adapter-pe9257-p.aspx
N Male to GR874 Sexless Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
N Male to GR874 Sexless Adapter
PE9257
PE9257 REV


Similar Part No. - PE9257

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9250 PASTERNACK-PE9250 Datasheet
75Kb / 1P
   BNC FEMALE TO SSMA MALE
PE9251 PASTERNACK-PE9251 Datasheet
254Kb / 3P
   SMA Female to TNC Female Bulkhead Adapter
PE9252 PASTERNACK-PE9252 Datasheet
255Kb / 3P
   SMA Female to N Female Bulkhead Adapter
PE9253 PASTERNACK-PE9253 Datasheet
236Kb / 2P
   SMA Female to HN Male Adapter
PE9254 PASTERNACK-PE9254 Datasheet
242Kb / 2P
   SMA Male to HN Male Adapter
More results

Similar Description - PE9257

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9386 PASTERNACK-PE9386 Datasheet
249Kb / 3P
   HN Male to GR874 Sexless Adapter
PE9259 PASTERNACK-PE9259 Datasheet
231Kb / 2P
   SMA Male to GR874 Sexless Adapter
PE9222 PASTERNACK-PE9222 Datasheet
241Kb / 2P
   GR874 Sexless to BNC Female Adapter
PE9387 PASTERNACK-PE9387 Datasheet
250Kb / 3P
   HN Female to GR874 Sexless Adapter
PE9260 PASTERNACK-PE9260 Datasheet
244Kb / 2P
   SMA Female to GR874 Sexless Adapter
PE9217 PASTERNACK-PE9217 Datasheet
248Kb / 3P
   Precision N Male to 7mm Sexless Adapter
PE9217 PASTERNACK-PE9217 Datasheet
248Kb / 3P
   Precision N Male to 7mm Sexless Adapter
PE9221 PASTERNACK-PE9221 Datasheet
246Kb / 2P
   Precision 7mm Sexless to BNC Male Adapter
PE9326 PASTERNACK-PE9326 Datasheet
255Kb / 2P
   Precision 3.5mm Male to 7mm Sexless Adapter
PE9215 PASTERNACK-PE9215 Datasheet
234Kb / 2P
   Precision SMA Male to 7mm Sexless Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com