Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GEM750 Datasheet(PDF) 1 Page - SL Power Electronics

Part No. GEM750
Description  Where VV is the output Voltage 24-48VDC, W is an Alpha character A or T, which represents the Input Connector, X is an alpha character A, B or T which represents the Output Connector...
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SLPOWER [SL Power Electronics]
Homepage  http://www.slpower.com/
Logo 

GEM750 Datasheet(HTML) 1 Page - SL Power Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL POWER ELECTRONICS CORP.
6050 King Drive, Bldg. A
Ventura, CA 93003 + 805-486-4565
Internet: www.slpower.com
MODEL NUMBERS: GEM600-VV-WXY-ZZ G and GEM750-VV-WXY-ZZ G
Where VV is the output Voltage 24-48VDC, W is an Alpha character A or T, which represents the Input Connector, X is an
alpha character A, B or T which represents the Output Connector, Y is an Alpha Character D, which represents the Optional
OR-ing Diode, -ZZZ is any numeric character 00-99 which represents Value Added Configurations not related to safety and
“G” indicates compliance with the RoHS directive.
RATINGS:
Input:
GEM600: 100-240 V ac, 9 A-4.5 A, 50/60 Hz
GEM750: 100-240 V ac, 11 A-5.5 A, 50/60 Hz
Outputs:
Output #1
Output #1
Model #
V
A
Model #
V
A
GEM600-24
24
25/27 pk
GEM750-24
24
31.2/34 pk
GEM600-28
28
21.5/23.5 pk
GEM750-28
28
26.8/29.5 pk
GEM600-36
36
17/18 pk
GEM750-36
36
20.8/22.8 pk
GEM600-48
48
12.5/13.5 pk
GEM750-48
48
15.6/17 pk
NOTES: 1.
Maximum ambient temperature for rated output power is 50°C utilizing integral 42 CFM fan.
2.
Maximum Operating Relative Humidity 96%, no condensation.
3.
Storage: -40 to +85 °C. Units should be allowed to warm-up under non-condensing conditions before
application of power.
4.
Peak current, 60 Sec with a 10% duty cycle
SAFETY DECLARATION: SL Power Electronics declares under our sole responsibility that all models
listed above are in conformity with the applicable requirements of EN 60950 following the provisions of
the Low Voltage Directive 73/23/EEC. All models are certified to be in compliance with the
applicable
requirements of EN/IEC/UL 60950-1 1
st Ed., CAN/CSA 22.2 No. 60950-1:03 (Level 5). They are certified
for Pollution Degree 2 environment and Class I TN-S power systems. All DC outputs are SELV under
normal and single fault conditions.
CERTIFICATION:
All models are Certified to be in compliance with the applicable requirements of UL/CSA/EN/IEC
60601-1, 1st. Ed.
CLASSIFICATION: (5.1) Protection against electric shock = Class I
(In accordance with sub- clause 5 of EN 60601-1)
(5.2) Degree of protection against electric shock = Not acceptable for applied part without additional isolation
(contact factory for details)
(5.3) Protection against harmful ingress of water = Ordinary (no protection)
(5.5) Have not been evaluated for use in the presence of a flammable anaesthetic mixture with air, oxygen, or nitrous
oxide. This evaluation is to be made on the end equipment by the OEM.
(5.6) Mode of operation = Continuous
TEMPERATURES: The maximum operating temperatures of components used in this supply must not be exceeded after
installation. The orientation of the supply, output power, ambient temperature and the availability, amount, direction and/or
restriction of natural airflow influences the temperatures of these components.
THERMAL PROTECTION: The unit has a thermal protection circuit that will shut down the unit if an overtemperature
condition is encountered. Recovery is automatic.
GROUNDING: TB1-3 must be bonded to Protective Earth in the end application. The end application should be evaluated
to ensure it meets the Protective Earthing requirement.
OVERVOLTAGE PROTECTION: The unit has overvoltage protection that is factory set to trip at a maximum of 136% of
the nominal output voltage. The unit must be cycled off, then on to reset.
41-35627-0001, Rev A 4/5/07
GEM600/750 SERIES
INSTALLATION INSTRUCTIONS


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn