Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSF8045SK Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DSF8045SK
Description  Fast Recovery Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DSF8045SK Datasheet(HTML) 5 Page - Dynex Semiconductor

  DSF8045SK Datasheet HTML 1Page - Dynex Semiconductor DSF8045SK Datasheet HTML 2Page - Dynex Semiconductor DSF8045SK Datasheet HTML 3Page - Dynex Semiconductor DSF8045SK Datasheet HTML 4Page - Dynex Semiconductor DSF8045SK Datasheet HTML 5Page - Dynex Semiconductor DSF8045SK Datasheet HTML 6Page - Dynex Semiconductor DSF8045SK Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
DSF8045SK
www.dynexsemi.com
Fig.6 Typical reverse recovery current vs rate of rise of
forward current
Fig.7 Maximum (limit) transient thermal impedance -
junction to case - (˚C/W)
10
100
1000
Rate of rise of reverse current dIR/dt - (A/µs)
100
10
1000
Conditions:
Tj = 150˚C,
VR = 100V
IF = 2000A
IF = 1000A
10
1
0.1
0.01
0.001
Time - (s)
0.1
0.01
0.001
Double side
cooled
Single side cooled


Similar Part No. - DSF8045SK

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
   Fast Recovery Diode
DSF8045SK40 DYNEX-DSF8045SK40 Datasheet
63Kb / 9P
   Fast Recovery Diode
DSF8045SK40 DYNEX-DSF8045SK40 Datasheet
263Kb / 7P
   Fast Recovery Diode
DSF8045SK41 DYNEX-DSF8045SK41 Datasheet
63Kb / 9P
   Fast Recovery Diode
DSF8045SK41 DYNEX-DSF8045SK41 Datasheet
263Kb / 7P
   Fast Recovery Diode
More results

Similar Description - DSF8045SK

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com