Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F41-120500-A000G Datasheet(PDF) 1 Page - SL Power Electronics

Part # F41-120500-A000G
Description  F41 UK Wall Mount 2-7 Watts Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

F41-120500-A000G Datasheet(HTML) 1 Page - SL Power Electronics

  F41-120500-A000G Datasheet HTML 1Page - SL Power Electronics F41-120500-A000G Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F41 UK Wall Mount 2-7 Watts Series
Features
230 VAC Input
UK Plug In Style
Rated for Continuous Duty
Filtered
Unregulated Outputs up to 7 Watts
Meets Safety Agency Requirements
CE Compliant
Impact Resistant Polycarbonate Enclosure
Private Label Marking Available
1 Year Warranty
Modified and Custom Designs Also Available
Manufactured in China
Ault Model
Voltage DC
Minimum
Current-Amps
Maximum
Current-Amps
Maximum
Watts
F41-060800-A000G
F41-061000-A000G
F41-070750-A000G
F41-080700-A000G
F41-090500-A000G
F41-090600-A000G
F41-100600-A000G
F41-120400-A000G
F41-120500-A000G
F41-140220-A000G
F41-150400-A000G
F41-180333-A000G
F41-210286-A000G
F41-220273-A000G
F41-240250-A000G
F41-240300-A000G
6
6
7
8
9
9
10
12
12
14
15
18
21
22
24
24
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0.80
1.00
0.75
0.70
0.50
0.60
0.60
0.40
0.50
0.22
0.40
0.33
0.28
0.27
0.25
0.30
4.80
6.00
5.25
5.60
4.50
5.40
6.00
4.80
6.00
3.08
6.00
6.05
5.88
6.00
6.00
7.20
Input
Voltage
230 VAC
Line Frequency
50 Hz
Connector
UK Wall Plug, No Ground
Electrical
Topology
DC Unregulated Power
Supply
Dielectric Withstand
3000 VAC primary-secondary
Protection
Current, Thermal or Energy
Limiting
EMI
Complies with EMC
Directives
CE
CE Compliant
Safety Approvals
TUV/EN60950
Environmental
Operating Temperature
5
° to 40° C with no derating
Storage Temperature
-30
° to +85° C
Relative Humidity
Altitude
5% to 95% non-condensing
0-10,000 feet
Cooling
Convectional - non vented case
Mechanical
Case Dimensions
F41 - UK Wall Plug
2.7 L x 2.0 W x 1.6 H (in)
69 L x 52 W x 40 H (mm)
Case Material
Black 94 V1 Polycarbonate
Weight
Cord and
Connector
10 ounces, 275 grams,
(excluding cord)
6 ft., 2 Conductor, 22-24 AWG
Ault #3 Connector
Other Connectors Available
ONE YEAR WARRANTY


Similar Part No. - F41-120500-A000G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F410 LITTELFUSE-F410 Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
F410-ND LITTELFUSE-F410-ND Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
logo
Fox Electronics
F4100 FOX-F4100 Datasheet
200Kb / 2P
   3.3V, HCMOS, Tight Stability, SMD Oscillator
F4100 FOX-F4100 Datasheet
217Kb / 2P
   3.3V, HCMOS, SMD Oscillator
F4100 FOX-F4100 Datasheet
486Kb / 2P
   3.3V. HCMOS, SMD Oscillator
More results

Similar Description - F41-120500-A000G

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
F48_DD SLPOWER-F48_DD Datasheet
20Kb / 2P
   F48 UK Wall Mount 7-14 Watts Series
F35_DD SLPOWER-F35_DD Datasheet
17Kb / 2P
   F35 UK Wall Mount 1-3 Watts Series
D48_DD SLPOWER-D48_DD Datasheet
20Kb / 2P
   D48 Euro Wall Mount 7-14 Watts Series
D41_DD SLPOWER-D41_DD Datasheet
20Kb / 1P
   D41 Euro Wall Mount 2-6 Watts Series
logo
Tumbler Technologies + ...
TVW7 TRUMPOWER-TVW7 Datasheet
128Kb / 1P
   5~7 Watts Wall Mount Adapters with USB Charger
W3 TRUMPOWER-W3 Datasheet
33Kb / 1P
   10 & 18 Watts Wall Mount Adapters
logo
Qualtek Electronics Cor...
QFWB-65 QUALTEK-QFWB-65 Datasheet
1Mb / 2P
   65 Watts Single Output Wall Mount
QAWA-18 QUALTEK-QAWA-18 Datasheet
374Kb / 2P
   18 Watts Single Output Wall Mount
logo
SL Power Electronics
D35_DD SLPOWER-D35_DD Datasheet
17Kb / 2P
   D35 Euro Wall Mount 1-3 Watts Series
logo
Qualtek Electronics Cor...
QFWB-10 QUALTEK-QFWB-10 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com