Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLU3-50-1AD Datasheet(PDF) 3 Page - SL Power Electronics

Part # FLU3-50-1AD
Description  OPEN-FRAME SWITCHING POWER SUPPLIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

FLU3-50-1AD Datasheet(HTML) 3 Page - SL Power Electronics

  FLU3-50-1AD Datasheet HTML 1Page - SL Power Electronics FLU3-50-1AD Datasheet HTML 2Page - SL Power Electronics FLU3-50-1AD Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER
GENERAL
A. Dimensions shown are in inches.
B. Tolerances = 0.00 ±0.01 inch.
0.000 ±0.005 inch.
C. P1 input connectors are Molex 26-60-4030. The
mating connector combines Molex housing 43061-
0003 and crimp terminal 08-70-1030.
D. P2 output connectors: FLU1-60 series—Molex 26-
60-4080, FLU3-50 series—Molex 26-60-4060.
Mating connector housings: FLU1-60 series—Molex
43061-0008, FLU3-50 series—Molex 43061-0006.
Crimp terminals: Molex 08-70-1030.
50 - 60W
OPEN-FRAME SWITCHING POWER SUPPLIES
Model Selection Guide
FLU
150
1A
D
Series
Number of Outputs
Output Power (W)
Output Voltage
(Model)
Input Voltage
D = 85-265 VAC
Construction
A = Open PCB
--
Pin-Out
Pin
FLU3-50
FLU1-60
1
V2
+Sense
§
2V1
V1
3V1
V1
4
Common
V1
5
Common
Return
6
V3
Return
7
N/A
Return
8
N/A
-Sense
§
§
If sense terminals are not used, tie together
Pins 1 and 2 and tie together Pins 7 and 8.
FLU3-50 / FLU1-60 SERIES
Rev. PG/ABBB


Similar Part No. - FLU3-50-1AD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
FLU3-50-1AD SLPOWER-FLU3-50-1AD Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
More results

Similar Description - FLU3-50-1AD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
FLU40 SLPOWER-FLU40 Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU50-60 SLPOWER-FLU50-60 Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLUX-50 SLPOWER-FLUX-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
logo
Astrodyne Corporation
LFM20 ASTRODYNE-LFM20 Datasheet
938Kb / 2P
   20W Ultraminiature Open Frame Switching Power Supplies
OFM20 ASTRODYNE-OFM20_16 Datasheet
179Kb / 3P
   20W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10_16 Datasheet
316Kb / 5P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10_16 Datasheet
366Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM5 ASTRODYNE-OFM5 Datasheet
780Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com