Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2211 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2211
Description  Low Distortion 1.5 Watt Audio Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211 Datasheet(HTML) 4 Page - Analog Devices

  SSM2211 Datasheet HTML 1Page - Analog Devices SSM2211 Datasheet HTML 2Page - Analog Devices SSM2211 Datasheet HTML 3Page - Analog Devices SSM2211 Datasheet HTML 4Page - Analog Devices SSM2211 Datasheet HTML 5Page - Analog Devices SSM2211 Datasheet HTML 6Page - Analog Devices SSM2211 Datasheet HTML 7Page - Analog Devices SSM2211 Datasheet HTML 8Page - Analog Devices SSM2211 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FREQUENCY – Hz
10
1
0.01
20
100
20k
1k
10k
0.1
TA = 25 C
VDD = 5V
AVD = 2 (BTL)
RL = 8
PL = 1W
CB = 0
CB = 0.1 F
CB = 1 F
Figure 4. THD+N vs. Frequency
POUTPUT – W
10
1
0.01
20n
0.1
2
0.1
1
TA = 25 C
VDD = 5V
AVD = 2 (BTL)
RL = 8
FREQUENCY = 20Hz
CB = 0.1 F
Figure 7. THD+N vs. POUTPUT
FREQUENCY – Hz
10
1
0.01
20
100
20k
1k
10k
0.1
TA = 25 C
VDD = 3.3V
AVD = 2 (BTL)
RL = 8
PL = 350mW
CB = 0
CB = 0.1 F
CB = 1 F
Figure 10. THD+N vs. Frequency
FREQUENCY – Hz
10
1
0.01
20
100
20k
1k
10k
0.1
TA = 25 C
VDD = 5V
AVD = 20 (BTL)
RL = 8
PL = 1W
CB = 0.1 F
CB = 1 F
Figure 6. THD+N vs. Frequency
POUTPUT – W
10
1
0.01
20n
0.1
2
0.1
1
TA = 25 C
VDD = 5V
AVD = 2 (BTL)
RL = 8
FREQUENCY = 20kHz
CB = 0.1 F
Figure 9. THD+N vs. POUTPUT
FREQUENCY – Hz
10
1
0.01
20
100
20k
1k
10k
0.1
TA = 25 C
VDD = 3.3V
AVD = 20 (BTL)
RL = 8
PL = 350mW
CB = 0.1 F
CB = 1 F
Figure 12. THD+N vs. Frequency
FREQUENCY – Hz
10
1
0.01
20
100
20k
1k
10k
0.1
TA = 25 C
VDD = 5V
AVD = 10 (BTL)
RL = 8
PL = 1W
CB = 0
CB = 0.1 F
CB = 1 F
Figure 5
. THD+N vs. Frequency
POUTPUT – W
10
1
0.01
20n
0.1
2
0.1
1
TA = 25 C
VDD = 5V
AVD = 2 (BTL)
RL = 8
FREQUENCY = 1kHz
CB = 0.1 F
Figure 8. THD+N vs. POUTPUT
FREQUENCY – Hz
10
1
0.01
20
100
20k
1k
10k
0.1
TA = 25 C
VDD = 3.3V
AVD = 10 (BTL)
RL = 8
PL = 350mW
CB = 0
CB = 0.1 F
CB = 1 F
Figure 11. THD+N vs. Frequency
SSM2211–Typical Performance Characteristics
REV. 0
–4–


Similar Part No. - SSM2211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2211 AD-SSM2211 Datasheet
497Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
SSM2211 AD-SSM2211 Datasheet
492Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211-EVAL AD-SSM2211-EVAL Datasheet
497Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
SSM2211CP-R2 AD-SSM2211CP-R2 Datasheet
497Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
SSM2211CP-REEL AD-SSM2211CP-REEL Datasheet
497Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
More results

Similar Description - SSM2211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2211 AD-SSM2211_16 Datasheet
492Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211 AD-SSM2211_15 Datasheet
383Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
SSM2211 AD-SSM2211_07 Datasheet
497Kb / 24P
   Low Distortion, 1.5 W Audio Power Amplifier
Rev. D
logo
ON Semiconductor
NCS2211 ONSEMI-NCS2211_14 Datasheet
130Kb / 11P
   Low Distortion Audio Power Amplifier
May, 2014 ??Rev. 3
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com