Electronic Components Datasheet Search |
|
PONA2114-4-2DC-SC-02 Datasheet(PDF) 2 Page - Emcore Corporation |
|
PONA2114-4-2DC-SC-02 Datasheet(HTML) 2 Page - Emcore Corporation |
2 / 4 page DATASHEET | JANUARY 2012 FIBER OPTICS | REV 2012.01 Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice. Optical/Electrical Characteristics1 Property Symbol (Units) Limit PONA Models Comments 2114 2117 2120 2122 2124 2127 2130 Operating Input Power Pin (dBm) Max +12 +12 +12 +12 +12 +12 +12 Operating Input Power Pin (dBm) Min -10 -10 -10 -10 -10 -10 -10 Typical (May vary for some models) 14.0 17.0 20.0 22.0 24.0 27.0 30.0 Output Power Po (dBm) +/-.25 +/- .25 +/- .25 +/- .25 +/- .25 +/- .25 +/- .25 (Note 2) Noise Figure NF (dB) Typ/Ma x 4.5/5.0 4.5/5.0 4.5/5.0 4.5/5.0 5.0/5.5 5.0/5.5 5.5/6.0 (Notes 3, 8) Static Gain Flatness GF (dB) Max +/-0.5 +/-0.5 +/-0.5 +/-0.5 +/-0.5 +/-0.5 (Note 7) (Note 4) Dynamic Gain Flatness (dB) Max +/-1 +/-1.25 +/-1.5 +/-2.0 +/-2.0 +/-2.0 (Note 7) (Notes 5, 8) Output Power Stability (dB) Max +/- 0.2 +/- 0.2 +/- 0.2 +/- 0.2 +/- 0.2 +/- 0.2 +/- 0.2 (Note 6) Power Consumption (steady state regime) Psys (W) Max 5 7 9 12 20 35 40 50 oC Case Notes: 1. Unless stated otherwise, all specifications apply over the full operating temperature and humidity ranges 2. Measurement variations 3. Measured with 8 evenly spread input optical signals @ 25°C, Pin ≈ 0 dBm (Measuring with 1 input optical signal with Pin ≈ 0 dBm and ≈ 1550 nm is also possible. (Low Noise Figure options with NF ≤ 4.0/4.5 dB are available for some models) 4. Measured with a swept Probe Signal (Pp), where Pp ≈ 0 dBm @ 25 C 5. Measured with a swept Probe Signal (Pp), and a fixed Tone Signal (Pt) @ ~ 1550 nm; (Pt ≈ Pp+20 dB; Pt + Pp ≈ 0 dBm) @ 25 C; Gain Flattened Options with ΔG ≤ +/-1.0dB are available (for some models) 6. Over polarization and temperature 7. Static and Dynamic Gain Flatness for PONA 2130 can be defined for 1545 nm ≤ ≤1562 nm and by special request only. 8. Specific NF and ΔG can be guaranteed at a single specified Input Optical Power Level (Pin = Pt + Pp) equal or different from 0 dBm. (Please contact your Sales Representative for more information) PONA 2100 Series |
Similar Part No. - PONA2114-4-2DC-SC-02 |
|
Similar Description - PONA2114-4-2DC-SC-02 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |