Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3558 Datasheet(PDF) 18 Page - International Rectifier

Part # IR3558
Description  The IR3558 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3558 Datasheet(HTML) 18 Page - International Rectifier

Back Button IR3558 Datasheet HTML 13Page - International Rectifier IR3558 Datasheet HTML 14Page - International Rectifier IR3558 Datasheet HTML 15Page - International Rectifier IR3558 Datasheet HTML 16Page - International Rectifier IR3558 Datasheet HTML 17Page - International Rectifier IR3558 Datasheet HTML 18Page - International Rectifier IR3558 Datasheet HTML 19Page - International Rectifier IR3558 Datasheet HTML 20Page - International Rectifier IR3558 Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
September 10, 2012 | FINAL DATASHEET
18
IR3558
45A Integrated PowIRstage®
SOLDER RESIST
 The solder resist should be pulled away from
the metal lead lands by a minimum of 0.06mm.
The solder resist miss-alignment is a maximum
of 0.05mm and it is recommended that the low
power signal lead lands are all Non Solder Mask
Defined (NSMD). Therefore pulling the S/R
0.06mm will always ensure NSMD pads.
 The minimum solder resist width is 0.13mm
typical.
 At the inside corner of the solder resist where
the lead land groups meet, it is recommended
to provide a fillet so a solder resist width of ≥
0.17mm remains.
 The dimensions of power land pads, VIN, PGND,
and SW, are Non Solder Mask Defined (NSMD).
The equivalent PCB layout becomes Solder Mask
Defined (SMD) after power shape routing.
 Ensure that the solder resist in-between the lead
lands and the pad land is ≥ 0.15mm due to the
high aspect ratio of the solder resist strip
separating the lead lands from the pad land.
Figure 35: Solder resist
* Contact International Rectifier to receive an electronic PCB Library file in Cadence Allegro or CAD DXF/DWG format.


Similar Part No. - IR3558

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3558 IRF-IR3558 Datasheet
796Kb / 21P
   45A Integrated PowIRstage
IR3558 IRF-IR3558_15 Datasheet
796Kb / 21P
   45A Integrated PowIRstage
More results

Similar Description - IR3558

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3551 IRF-IR3551 Datasheet
879Kb / 22P
   The IR3551 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.
logo
Texas Instruments
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
logo
Rohm
PV9121 ROHM-PV9121 Datasheet
695Kb / 3P
   60 A, Integrated Digital Synchronous Buck Regulator with Auto-Control
PV9122 ROHM-PV9122 Datasheet
624Kb / 3P
   60 A, Integrated VR13 Digital Synchronous Buck Regulator with Auto-Control
logo
ON Semiconductor
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com