Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDVC32G-Q Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # FSDVC32G-Q
Description  Capacity: 128MB to 32GB
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

FSDVC32G-Q Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  FSDVC32G-Q Datasheet HTML 1Page - Axiomtek Co., Ltd. FSDVC32G-Q Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All the specifications and photos are subjected to be changed without notice.
www.axiomtek.com
Headquarters
AXIOMTEK Co., Ltd.
Tel: +886-2-2917-4550
Fax: +886-2-2917-3200
E-mail: info@axiomtek.com.tw
USA
AXIOMTEK Inc.
Tel: +1-626-581-3232
Fax: +1-626-581-3552
E-mail: info@axiomtek.com
Germany
AXIOMTEK DEUTSCHLAND GmbH
Tel: +49-2173-399360
Fax: +49-2173-3993636
E-mail: sales@axiomtek.de
France
AXIOMTEK S.A.S.
Tel: +33 (0) 146-491-591
Fax: +33 (0) 146-491-590
E-mail: info@axiomtek.fr
Mainland China
AXIOMTEK Shanghai
Tel: +86-21-5426-0435
Fax: +86-21-5426-0125
E-mail:axcn@axiomtek.com.cn
Ordering Information
Models
(standard temp.)
Models
(industrial temp.)
Form Factor
Capacity
FSDVC128-S
FSDVW128-S
Standard/SATA
128MB
FSDVC256-S
FSDVW256-S
Standard/SATA
256MB
FSDVC512-S
FSDVW512-S
Standard/SATA
512MB
FSDVC01G-S
FSDVW01G-S
Standard/SATA
1GB
FSDVC02G-S
FSDVW02G-S
Standard/SATA
2GB
FSDVC04G-S
FSDVW04G-S
Standard/SATA
4GB
FSDVC08G-S
FSDVW08G-S
Standard/SATA
8GB
FSDVC16G-S
FSDVW16G-S
Standard/SATA
16GB
FSDLC128-S
FSDLW128-S
Low-Profile/SATA
128MB
FSDLC256-S
FSDLW256-S
Low-Profile/SATA
256MB
FSDLC512-S
FSDLW512-S
Low-Profile/SATA
512MB
FSDLC01G-S
FSDLW01G-S
Low-Profile/SATA
1GB
FSDLC02G-S
FSDLW02G-S
Low-Profile/SATA
2GB
FSDLC04G-S
FSDLW04G-S
Low-Profile/SATA
4GB
FSDLC08G-S
FSDLW08G-S
Low-Profile/SATA
8GB
FSDLC16G-S
FSDLW16G-S
Low-Profile/SATA
16GB
FSDVC32G-Q
FSDVW32G-Q
Standard/SATA
32GB


Similar Part No. - FSDVC32G-Q

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FSDV TOKO-FSDV Datasheet
26Kb / 2P
   Variable Coils for Surface Mounting
FSDVA TOKO-FSDVA Datasheet
180Kb / 1P
   Highly durable against mechanical stress
More results

Similar Description - FSDVC32G-Q

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CFC AXIOMTEK-CFC Datasheet
185Kb / 1P
   CFast card specification standard, Capacity: 2GB up to 32GB
logo
Transcend Information. ...
TS4GSDHC2 TRANSCEND-TS4GSDHC2 Datasheet
635Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
   4~32GB High Capacity Secure Digital Card
logo
Vecow Co., Ltd.
EMBC-3000 VECOW-EMBC-3000 Datasheet
852Kb / 2P
   DDR4 2400MHz memory, up to 32GB
logo
White Electronic Design...
WED7PXXXATA70XXI25 WEDC-WED7PXXXATA70XXI25 Datasheet
268Kb / 15P
   128MB to 1GB Industrial ATA Flash
logo
Transcend Information. ...
TS32GJFV20 TRANSCEND-TS32GJFV20 Datasheet
47Kb / 2P
   32GB USB2.0 JetFlash?줧20
TS32GJFV60 TRANSCEND-TS32GJFV60 Datasheet
66Kb / 2P
   32GB USB2.0 JetFlash?줧60
TS32GJF600 TRANSCEND-TS32GJF600 Datasheet
65Kb / 2P
   32GB USB2.0 JetFlash??00
logo
List of Unclassifed Man...
EM488M1644VTA-55L ETC1-EM488M1644VTA-55L Datasheet
920Kb / 18P
   128Mb SDRAM
logo
Tripp Lite. All Rights ...
U244001VGAR TRIPPLITE-U244001VGAR Datasheet
537Kb / 2P
   USB 2.0 to VGA Adapter, 128MB - 1920x1200,1080p
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com