Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE35419-12 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE35419-12
Description  SMA Male to TNC Male Precision Cable 12 Inch Length Using 150 Series Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35419-12 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE35419-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35419-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35419-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE35419-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male to TNC Male Precision Cable 12 Inch Length Using 150 Series Coax, RoHS from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male to TNC Male Precision Cable 12 Inch Length Using 150 Series Coax, RoHS
PE35419-12
URL: http://www.pasternack.com/sma-male-tnc-male-150-series-cable-assembly-pe35419-12-p.aspx
PE35419-12 REV
PE35419-12
SMA Male to TNC Male Precision Cable 12 Inch
Length Using 150 Series Coax, RoHS


Similar Part No. - PE35419-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35419-12 PASTERNACK-PE35419-12 Datasheet
233Kb / 4P
   SMA Male to TNC Male Precision Cable
More results

Similar Description - PE35419-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35423-12 PASTERNACK-PE35423-12 Datasheet
227Kb / 3P
   TNC Male to TNC Male Precision Cable 12 Inch Length Using 150 Series Coax, RoHS
PE34286-12 PASTERNACK-PE34286-12 Datasheet
234Kb / 4P
   SMA Male to SMA Male Precision Cable 12 Inch Length Using 150 Series Coax, RoHS
PE35419-6 PASTERNACK-PE35419-6 Datasheet
234Kb / 4P
   SMA Male to TNC Male Precision Cable 6 Inch Length Using 150 Series Coax, RoHS
PE35419-48 PASTERNACK-PE35419-48 Datasheet
227Kb / 4P
   SMA Male to TNC Male Precision Cable 48 Inch Length Using 150 Series Coax, RoHS
PE35419-18 PASTERNACK-PE35419-18 Datasheet
234Kb / 4P
   SMA Male to TNC Male Precision Cable 18 Inch Length Using 150 Series Coax, RoHS
PE35419-30 PASTERNACK-PE35419-30 Datasheet
234Kb / 4P
   SMA Male to TNC Male Precision Cable 30 Inch Length Using 150 Series Coax, RoHS
PE35419-36 PASTERNACK-PE35419-36 Datasheet
234Kb / 4P
   SMA Male to TNC Male Precision Cable 36 Inch Length Using 150 Series Coax, RoHS
PE35419-72 PASTERNACK-PE35419-72 Datasheet
234Kb / 4P
   SMA Male to TNC Male Precision Cable 72 Inch Length Using 150 Series Coax, RoHS
PE35419-24 PASTERNACK-PE35419-24 Datasheet
234Kb / 4P
   SMA Male to TNC Male Precision Cable 24 Inch Length Using 150 Series Coax, RoHS
PE35419-60 PASTERNACK-PE35419-60 Datasheet
227Kb / 4P
   SMA Male to TNC Male Precision Cable 60 Inch Length Using 150 Series Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com