Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0973A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C0973A
Description  COMPUTER CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C0973A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C0973A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C0973A
Date:
7/11/2007
Revision Level:
1
5C 22 7/30 TC S-R PVC OAS BRAID PVC
COMPUTER CABLE
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
Braid
#22 AWG 7/30 Tinned Copper
0.010" Wall Semi-Rigid Polyvinyl Chloride
0.032" Polyvinyl Chloride
0.029" nom.
CAROL (R) 22 AWG -- C0973A -- 75C E111240-8 CMR (UL)C(UL) OR 80C AWM STYLE 2464
300V --- CSA LL69381 CMG -- MADE IN USA
5 Conductors @ 2.50" LHL - Aluminum/polyester
0.140" nom.
0.049" nom.
0.226" +/- 0.011"
(Foil Out)
Tinned Copper Braid
65% nom. Coverage
0.162" nom.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
SHIELD RESISTANCE:
GROUND CAPACITANCE:
75C (CMR) / 80C (2464) / 60C (CMG)
300 Vrms
16.6 Ohms/1000 ft nom
35.9 pF/ft @ 1kHz nom
52.5 Ohms @ 1MHz nom
4.7 Ohms/1000 ft nom
64.62 pF/ft @ 1kHz nom
National Electrical Code
Article 800
UL Standard 444
Type CMR
UL Standard 758
AWM Style 2464
CSA International
Type CMG
1
2
3
4
5
Black
White
Red
Light Green
Orange
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C0973A

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C0971-A COILCRAFT-C0971-A Datasheet
83Kb / 2P
   VDSL Transformers
logo
General Cable Technolog...
C0971A GENERAL-C0971A Datasheet
73Kb / 1P
   COMPUTER CABLE
logo
Coilcraft lnc.
C0972-AL COILCRAFT-C0972-AL Datasheet
111Kb / 2P
   SMT Power Magnetics
logo
General Cable Technolog...
C0972A GENERAL-C0972A Datasheet
84Kb / 1P
   4C 22AWG SR-PVC, OAS, PVC
C0974A GENERAL-C0974A Datasheet
74Kb / 1P
   COMPUTER CABLE
More results

Similar Description - C0973A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0943A GENERAL-C0943A Datasheet
74Kb / 1P
   COMPUTER CABLE
C0955A GENERAL-C0955A Datasheet
74Kb / 1P
   COMPUTER CABLE
C0961A GENERAL-C0961A Datasheet
75Kb / 1P
   COMPUTER CABLE
C0971A GENERAL-C0971A Datasheet
73Kb / 1P
   COMPUTER CABLE
C0975A GENERAL-C0975A Datasheet
74Kb / 1P
   COMPUTER CABLE
C0601A GENERAL-C0601A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0604A GENERAL-C0604A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0620A GENERAL-C0620A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0724A GENERAL-C0724A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0726A GENERAL-C0726A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0741A GENERAL-C0741A Datasheet
73Kb / 1P
   COMPUTER CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com