Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP493FP Datasheet(PDF) 5 Page - Analog Devices

Part # OP493FP
Description  Precision, Micropower Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP493FP Datasheet(HTML) 5 Page - Analog Devices

  OP493FP Datasheet HTML 1Page - Analog Devices OP493FP Datasheet HTML 2Page - Analog Devices OP493FP Datasheet HTML 3Page - Analog Devices OP493FP Datasheet HTML 4Page - Analog Devices OP493FP Datasheet HTML 5Page - Analog Devices OP493FP Datasheet HTML 6Page - Analog Devices OP493FP Datasheet HTML 7Page - Analog Devices OP493FP Datasheet HTML 8Page - Analog Devices OP493FP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ELECTRICAL SPECIFICATIONS
“E” Grade
“F” Grade
Parameter
Symbol
Conditions
Min Typ
Max
Min Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
OP193
75
150
µV
OP193, –40
°C ≤ T
A
≤ +125°C
175
250
µV
OP293
100
250
µV
OP293, –40
°C ≤ T
A
≤ +125°C
175
350
µV
OP493
125
275
µV
OP493, –40
°C ≤ T
A
≤ +125°C
225
375
µV
Input Bias Current
IB
–40
°C ≤ T
A ≤ +125°C15
20
nA
Input Offset Current
IOS
–40
°C ≤ T
A
≤ +125°C2
4
nA
Input Voltage Range
VCM
01
01
V
Large Signal Voltage Gain
AVO
RL = 100 k
Ω, 0.03 ≤ V
OUT
≤ 1 V
60
60
V/mV
–40
°C ≤ T
A ≤ +125°C
70
70
V/mV
Long Term Offset Voltage
VOS
Note 1
150
300
µV
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = +1.7 V to +6 V,
100
97
–40
°C ≤ T
A ≤ +125°C
9490dB
Supply Current/Amplifier
ISY
VCM = 1.0 V, RL = ∞
13.2 20
13.2 20
µA
–40
°C ≤ T
A ≤ +125°C25
25
µA
Supply Voltage Range
VS
+2
±18
+2
±18
V
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
65
65
nV/
√Hz
Current Noise Density
in
f = 1 kHz
0.05
0.05
pA/
√Hz
Voltage Noise
en p-p
0.1 Hz to 10 Hz
3
3
µV p-p
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ
10
10
V/ms
Gain Bandwidth Product
GBP
25
25
kHz
WAFER TEST LIMITS
Parameter
Symbol
Conditions
Limit
Units
Offset Voltage
VOS
VS =
±15 V, V
OUT = 0 V
±75
µV max
VS = +2 V, VOUT = 1.0 V
±75
µV max
Input Bias Current
IB
VCM = 1.0 V
20
nA max
Input Offset Current
IOS
VCM = 1.0 V
4
nA max
Input Voltage Range
1
VCM
0 to 4
V min
Common-Mode Rejection
CMRR
0
≤ V
CM
≤ 4 V
96
dB min
Power Supply Rejection Ratio
PSRR
VS =
±1.5 V to ±18 V
100
dB min
Large Signal Voltage Gain
AVO
RL = 100 kΩ
100
V/mV min
Output Voltage Swing High
VOH
IL = 1 mA
4.1
V min
Output Voltage Swing Low
VOL
IL = –1 mA
400
mV max
Supply Current/Amplifier
ISY
VO = 0 V, RL = ∞, VS = ± 18 V
25
µA max
NOTES
Electrical tests and wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed for standard
product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
1Guaranteed by CMRR test.
Specifications subject to change without notice.
(@ VS = +2.0 V, VCM = 0.1 V, TA = +25 C unless otherwise noted)
OP193/OP293/OP493
REV. A
–5–
(@ VS = +5.0 V, VCM = 0.1 V, VOUT = 2 V, TA = +25 C unless otherwise noted)


Similar Part No. - OP493FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP493FP AD-OP493FP Datasheet
216Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. B
More results

Similar Description - OP493FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP193FSZ AD-OP193FSZ Datasheet
380Kb / 20P
   Precision, Micropower Operational Amplifiers
REV. C
OP193 AD-OP193_02 Datasheet
216Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. B
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
OP777 AD-OP777_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARZ AD-OP747ARZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP727 AD-OP727 Datasheet
194Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP727ARUZ AD-OP727ARUZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP747 AD-OP747_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com