Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STH260N6F6-2 Datasheet(PDF) 5 Page - STMicroelectronics

Part No. STH260N6F6-2
Description  N-channel 60 V, 1.7 typ., 180 A STripFET™ VI DeepGATE™ Power MOSFET in H²PAK-2 package
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH260N6F6-2 Datasheet(HTML) 5 Page - STMicroelectronics

  STH260N6F6-2 Datasheet HTML 1Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 2Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 3Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 4Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 5Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 6Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 7Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 8Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STH260N6F6-2
Electrical characteristics
Doc ID 018784 Rev 4
5/14
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
180
A
ISDM
(1)
1.
Current limited by package.
Source-drain current (pulsed)
720
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 180 A, VGS = 0
1.1
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 120 A, VDD = 48 V
di/dt = 100 A/µs,
Tj = 150 °C
(see Figure 15)
-
55.6
116
3.8
ns
nC
A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn