Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STH260N6F6-2 Datasheet(PDF) 4 Page - STMicroelectronics

Part No. STH260N6F6-2
Description  N-channel 60 V, 1.7 mΩ typ., 180 A STripFET™ VI DeepGATE™ Power MOSFET in H²PAK-2 package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH260N6F6-2 Datasheet(HTML) 4 Page - STMicroelectronics

  STH260N6F6-2 Datasheet HTML 1Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 2Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 3Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 4Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 5Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 6Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 7Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 8Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STH260N6F6-2
4/14
Doc ID 018784 Rev 4
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage (VGS = 0)
ID = 250 µA
60
V
IDSS
Zero gate voltage
Drain current (VGS = 0)
VDS = 60 V
1
µA
VDS = 60 V, TC=125 °C
100
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
± 100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
4
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 60 A
1.7
2.4
m
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
11800
pF
Coss
Output capacitance
-
1235-
pF
Crss
Reverse transfer
capacitance
488
pF
Qg
Total gate charge
VDD = 30 V, ID = 120 A,
VGS = 10 V
(see Figure 14)
183
nC
Qgs
Gate-source charge
-
53
-nC
Qgd
Gate-drain charge
41
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 30 V, ID = 60 A
RG =4.7 Ω VGS = 10 V
(see Figure 13)
-
31.4
165
-
ns
ns
td(off)
tf
Turn-off-delay time
Fall time
-
144.4
62.6
-
ns
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn