Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STH260N6F6-2 Datasheet(PDF) 6 Page - STMicroelectronics

Part No. STH260N6F6-2
Description  N-channel 60 V, 1.7 typ., 180 A STripFET™ VI DeepGATE™ Power MOSFET in H²PAK-2 package
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH260N6F6-2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STH260N6F6-2 Datasheet HTML 2Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 3Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 4Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 5Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 6Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 7Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 8Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 9Page - STMicroelectronics STH260N6F6-2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STH260N6F6-2
6/14
Doc ID 018784 Rev 4
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs. temperature Figure 7.
Static drain-source on-resistance
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s a
re
a i
s
Limited
by
m
ax
R D
S(on)
100µs
1ms
10ms
Tj=175°C
Tc=25°C
Single pulse
AM09068v2
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Zth=k Rthj-c
δ=tp/τ
tp
τ
Single pulse
δ=0.5
280tok
ID
150
100
50
0
0
2
VDS(V)
(A)
1
3
200
250
5V
6V
VGS=10V
300
350
400
AM09069v1
ID
150
100
50
0
0
2
VGS(V)
4
(A)
1
3
5
200
250
300
350
400
VDS=2V
AM09070v1
BVDSS
-75
TJ(°C)
(norm)
-25
75
25
125
0.6
0.7
0.8
0.9
1.0
1.1
175
ID=1mA
AM09071v1
RDS(on)
1.66
1.62
40
ID(A)
(m
Ω)
20
60
1.70
1.74
VGS=10V
100
80
1.78
AM09072v2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn