Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DGT409BCA6565 Datasheet(PDF) 9 Page - Dynex Semiconductor

Part # DGT409BCA6565
Description  Reverse Blocking Gate Turn-off Thyristor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DGT409BCA6565 Datasheet(HTML) 9 Page - Dynex Semiconductor

Back Button DGT409BCA6565 Datasheet HTML 3Page - Dynex Semiconductor DGT409BCA6565 Datasheet HTML 4Page - Dynex Semiconductor DGT409BCA6565 Datasheet HTML 5Page - Dynex Semiconductor DGT409BCA6565 Datasheet HTML 6Page - Dynex Semiconductor DGT409BCA6565 Datasheet HTML 7Page - Dynex Semiconductor DGT409BCA6565 Datasheet HTML 8Page - Dynex Semiconductor DGT409BCA6565 Datasheet HTML 9Page - Dynex Semiconductor DGT409BCA6565 Datasheet HTML 10Page - Dynex Semiconductor DGT409BCA6565 Datasheet HTML 11Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SEMICONDUCTOR
DGT409BCA
9/11
www.dynexsemi.com
0
2
4
6
8
12
10
14
16
18
20
22
24
26
28
30
0
10
20
30
40
50
60
70
80
Rate of rise of reverse gate current, dI
GQ/dt - (A/µs)
0
1.0
0.8
0.6
0.4
0.2
2.0
1.8
1.6
1.4
1.2
3.0
2.8
2.6
2.4
2.2
Conditions:
T
j = 115° C, CS = 2µF,
R
S = 10, IT = 800A,
V
DM = 3000V
t
gs
t
gf
0.0001
0.001
0.01
0.1
0.001
0.01
1
0.1
10
100
Time - (s)
dc
Fig.18 Gate storage time and fall time vs rate of rise of
reverse gate current
Fig.19 Maximum (limit) transient thermal impedance –
double side cooled


Similar Part No. - DGT409BCA6565

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DGT409BCA6565 DYNEX-DGT409BCA6565 Datasheet
61Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
More results

Similar Description - DGT409BCA6565

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DGT409BCA DYNEX-DGT409BCA Datasheet
61Kb / 11P
   Reverse Blocking Gate Turn-off Thyristor
DGT304RE DYNEX-DGT304RE_15 Datasheet
336Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT304RE DYNEX-DGT304RE Datasheet
462Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT305RE DYNEX-DGT305RE Datasheet
309Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT304RE DYNEX-DGT304RE_04 Datasheet
277Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT305RE DYNEX-DGT305RE_15 Datasheet
368Kb / 14P
   Reverse Blocking Gate Turn-off Thyristor
DGT408BRP DYNEX-DGT408BRP Datasheet
170Kb / 6P
   Reverse Blocking Gate Turn-off Thyristor Target Information
DG858DW45 DYNEX-DG858DW45 Datasheet
48Kb / 7P
   Gate Turn-Off Thyristor
DG408BP45 DYNEX-DG408BP45 Datasheet
223Kb / 19P
   Gate Turn-off Thyristor
DG758BX45 DYNEX-DG758BX45_15 Datasheet
237Kb / 19P
   Gate Turn-off Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com