Electronic Components Datasheet Search |
|
DFM1200FXM12-A000 Datasheet(PDF) 2 Page - Dynex Semiconductor |
|
DFM1200FXM12-A000 Datasheet(HTML) 2 Page - Dynex Semiconductor |
2 / 6 page DFM1200FXM12-A000 2/6 www.dynexsemi.com ABSOLUTE MAXIMUM RATINGS Stresses above those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the device. In extreme conditions, as with all semiconductors, this may include potentially hazardous rupture of the package. Appropriate safety precautions should always be followed. Exposure to Absolute Maximum Ratings may affect device reliability. Tcase = 25°C unless stated otherwise Symbol Parameter Test Conditions Max. Units VRRM Repetitive peak reverse voltage Tj = 125°C 1200 V IF Forward current (per arm) DC, Tcase = 75°C, Tj = 125°C 1200 A IFM Max. forward current Tcase = 110°C, tp = 1ms 2400 A I 2t I 2t value fuse current rating VR = 0, tp = 10ms, Tj = 125°C 400 kA 2s Pmax Max. transistor power dissipation Tcase = 25°C, Tj = 125°C 5000 W Visol Isolation voltage – per module Commoned terminals to base plate. AC RMS, 1 min, 50Hz 2500 V QPD Partial discharge – per module IEC1287, V1 = 1300V, V2 = 1000V, 50Hz RMS 10 pC THERMAL AND MECHANICAL RATINGS Internal insulation material: AlN Baseplate material: AlSiC Creepage distance: 20mm Clearance: 10mm CTI (Comparative Tracking Index): 350 Symbol Parameter Test Conditions Min Typ. Max Units Rth(j-c) Thermal resistance (per arm) Continuous dissipation – junction to case - - 20 °C/kW Rth(c-h) Thermal resistance – case to heatsink (per module) Mounting torque 5Nm (with mounting grease) - - 8 °C/kW Tj Junction temperature - - 125 °C Tstg Storage temperature range -40 - 125 °C Screw Torque Mounting – M6 - - 5 Nm Electrical connections – M8 - - 10 Nm |
Similar Part No. - DFM1200FXM12-A000 |
|
Similar Description - DFM1200FXM12-A000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |