Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFM600NXM45-F000 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DFM600NXM45-F000
Description  Fast Recovery Diode Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DFM600NXM45-F000 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DFM600NXM45-F000 Datasheet HTML 1Page - Dynex Semiconductor DFM600NXM45-F000 Datasheet HTML 2Page - Dynex Semiconductor DFM600NXM45-F000 Datasheet HTML 3Page - Dynex Semiconductor DFM600NXM45-F000 Datasheet HTML 4Page - Dynex Semiconductor DFM600NXM45-F000 Datasheet HTML 5Page - Dynex Semiconductor DFM600NXM45-F000 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DFM600NXM45-F000
Fast Recovery Diode Module
Replaces DS5882-1.0
DS5882-2 April 2011 (LN28309)
1/6
www.dynexsemi.com
FEATURES
Low Reverse Recovery Charge
High Switching Speed
Low Forward Volt Drop
Isolated AlSiC Base With AlN Substrates
Dual Diodes Can Be Paralleled For 1200A Rating
Lead Free Construction
APPLICATIONS
Chopper Diodes
Boost and Buck Converters
Free-wheel Circuits
Motor Drives
Resonant Converters
Induction Heating
Multi-level Switch Inverters
The DFM600NXM45-F000 is a dual 4500V, fast
recovery diode (FRD) module.
Designed for low
power loss, the module is suitable for a variety of high
voltage applications in motor drives and power
conversion.
Fast switching times and low reverse recovery losses
allow high frequency operation, making the device
suitable for the latest drive designs employing PWM
and high frequency switching.
The module incorporates an electrically isolated base
plate and low inductance construction enabling circuit
designers to optimise circuit layouts and utilise
grounded heat sinks for safety.
ORDERING INFORMATION
Order As:
DFM600NXM45-F000
Note: When ordering, please use the complete part
number
KEY PARAMETERS
VRRM
4500V
VF
(typ)
3.0V
IF
(max)
600A
IFM
(max)
1200A
External connection required for a single 1200A diode
Fig. 1 Circuit configuration
Outline type code: N
(See Fig. 7 for further information)
Fig. 2 Package
3(A)
1(A)
2(K)
4(K)


Similar Part No. - DFM600NXM45-F000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM600NXM45-F000 DYNEX-DFM600NXM45-F000_15 Datasheet
253Kb / 6P
   Fast Recovery Diode Module
More results

Similar Description - DFM600NXM45-F000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000_10 Datasheet
249Kb / 6P
   Fast Recovery Diode Module
DFM800NXM33-A000 DYNEX-DFM800NXM33-A000_10 Datasheet
255Kb / 6P
   Fast Recovery Diode Module
DFM1200NXM33-F000 DYNEX-DFM1200NXM33-F000 Datasheet
259Kb / 6P
   Fast Recovery Diode Module
DFM800XXM45-TS001 DYNEX-DFM800XXM45-TS001 Datasheet
261Kb / 6P
   Fast Recovery Diode Module
DFM200PXM33-F000 DYNEX-DFM200PXM33-F000_15 Datasheet
240Kb / 6P
   Fast Recovery Diode Module
DFM1200AXM45-TS001 DYNEX-DFM1200AXM45-TS001_15 Datasheet
296Kb / 6P
   Fast Recovery Diode Module
DFM1200EXM18-A000 DYNEX-DFM1200EXM18-A000_15 Datasheet
265Kb / 6P
   Fast Recovery Diode Module
DFM1200EXS12-A000 DYNEX-DFM1200EXS12-A000_15 Datasheet
269Kb / 6P
   Fast Recovery Diode Module
DFM1200FXM12-A000 DYNEX-DFM1200FXM12-A000_15 Datasheet
251Kb / 6P
   Fast Recovery Diode Module
DFM1200FXM18-A000 DYNEX-DFM1200FXM18-A000_15 Datasheet
291Kb / 6P
   Fast Recovery Diode Module
DFM1200XXM45-TS001 DYNEX-DFM1200XXM45-TS001_15 Datasheet
294Kb / 6P
   Fast Recovery Diode Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com