Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PICO830 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # PICO830
Description  2 COM ports
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PICO830 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  PICO830 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
125
PICO830
Intel
® Atom™ N2600/ N2800 Pico-ITX
SBC with Intel
® NM10 Chipset, LVDS/
DisplayPort or VGA, LAN and Audio
Intel
® Atom™ processor N2800 (1.86 GHz)/ N2600 (1.6 GHz)
Intel
® NM10 chipset
1 DDR3 SO-DIMM supports up to 4 GB memory capacity
4 USB 2.0 ports
2 COM ports
I/O
System
MIO
1 x RS-232/422/485
1 x RS-232
SATA
1 x SATA-300
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
1 port as 10/100/1000 Mbps supports Wake-on-LAN,
RPL/PXE Boot ROM with Intel
® 82583V
Audio
HD Codec audio as MIC-in/Line-out with Realtek ALC662
USB
4 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
N/A
CPU
Intel
® Atom™ processor N2800 1.86 GHz/ N2600 1.6 GHz
dual core onboard
System Memory
1 x 204-pin SO-DIMM supports DDR3-800/1066 max.
up to 4 GB (N2600 supports DDR3 800 max. up to 2 GB)
Chipset
Intel
® NM10
BIOS
AMI
SSD
1 x CFast™
Watchdog Timer
255 levels, 1 ~ 255 sec.
Expansion Interface
N/A
Battery
Lithium 3V/220mAH
Power Input
DC power jack connector
+5V DC-in only
AT Auto Power On function supported
Power Requirements
Intel
® Atom™ N2800 @ 1.86 GHz, 1GB DDR3
Max. RMS: +5V @ 3A
Intel
® Atom™ N2600 @ 1.6 GHz, 1GB DDR3
Max. RMS: +5V @ 2.7A
Size
100 x 72 mm
Board Thickness
1.6 mm
Operating Temperature
0°C ~ +60°C (32°F ~ 140°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Features
Rear view
Assembly view
I/O board AX93265
Side view
Ordering Information
Packing List
Standard
PICO830VGA-N2600
(fanless)
Pico-ITX SBC with Intel
® Atom™ processor N2600 1.6 GHz,
VGA/LVDS, 1 10/100/1000Mbps, 2 COM and audio
PICO830PGA-N2600
(fanless)
Pico-ITX SBC with Intel
® Atom™ processor N2600 1.6 GHz,
DisplayPort/LVDS, 1 10/100/1000Mbps, 2 COM and audio
PICO830VGA-N2800
Pico-ITX SBC with Intel
® Atom™ rocessor N2800 1.8 GHz,
VGA/LVDS, 1 10/100/1000Mbps, 2 COM and audio
PICO830PGA-N2800
Pico-ITX SBC with Intel
® Atom™ processor N2800 1.8 GHz,
DisplayPort/LVDS, 1 10/100/1000Mbps, 2 COM and audio
Standard
Quick installation guide, user’s manual/utility CD and cable
Accessories
Part Number
Description
Qty
TBD
AX93265 I/O board
1
594PICO8200E
DC power cable
1
594K5328200E
SATA+power wire cable L=60mm
1
Optional
Part Number
Description
59040131000E
DisplayPort to DVI cable, L=220mm
59050203000E
DisplayPort to HDMI cable, L=200mm
59091501000E
DisplayPort to DisplayPort cable, L=1500mm
Fanless
Low Power
DualView
DDR3
CFastTM
DDR3
DDR3
+5V
+5V power input
Red LED: HDD
Green LED: power-on
Reset
Power-on Audio
COM
USB x 4
LVDS
COM 1/2
DisplayPort
DDR3 SO-DIMM
CFast
TM
Ethernet
VGA
Display
Chipset
Intel
® GMA 3650 graphics core for N2800
Intel
® GMA 3600 graphics core for N2600
Memory Size
Share system memory
Display Interface
1 x VGA or 1 x DisplayPort
1 x LVDS; 18/24-bit single/dual channel
NEW
SATA
USB 1/2/3/4
Audio
Power on/off,
reset, HDD LED
AiRD


Similar Part No. - PICO830

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO830PGA-N2600 AXIOMTEK-PICO830PGA-N2600 Datasheet
371Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO830PGA-N2800 AXIOMTEK-PICO830PGA-N2800 Datasheet
371Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO830VGA-N2600 AXIOMTEK-PICO830VGA-N2600 Datasheet
371Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO830VGA-N2800 AXIOMTEK-PICO830VGA-N2800 Datasheet
371Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
PICO830 AXIOMTEK-PICO830_16 Datasheet
371Kb / 1P
   1 DDR3 SO-DIMM supports up to 4 GB memory capacity
More results

Similar Description - PICO830

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NANO831 AXIOMTEK-NANO831 Datasheet
327Kb / 1P
   2 COM ports
PICO100 AXIOMTEK-PICO100 Datasheet
291Kb / 1P
   2 COM ports
SBC84832 AXIOMTEK-SBC84832 Datasheet
270Kb / 1P
   2 COM ports
E38H831100 AXIOMTEK-E38H831100 Datasheet
342Kb / 1P
   2 COM ports
SHB212 AXIOMTEK-SHB212 Datasheet
264Kb / 1P
   2 COM ports supported
EBOX532-100-FL AXIOMTEK-EBOX532-100-FL_16 Datasheet
458Kb / 1P
   Supports 4 USB 2.0 ports and 2 COM ports
EP100 AXIOMTEK-EP100 Datasheet
267Kb / 1P
   4 COM ports
CAPA831 AXIOMTEK-CAPA831 Datasheet
283Kb / 1P
   4 COM ports
IPC910H AXIOMTEK-IPC910H Datasheet
578Kb / 2P
   4 COM ports
SBC84831 AXIOMTEK-SBC84831 Datasheet
243Kb / 1P
   6 COM ports
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com