Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMOA8200WDM-XX64-1013 Datasheet(PDF) 1 Page - Emcore Corporation

Part # NMOA8200WDM-XX64-1013
Description  CATV Fiber Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

NMOA8200WDM-XX64-1013 Datasheet(HTML) 1 Page - Emcore Corporation

  NMOA8200WDM-XX64-1013 Datasheet HTML 1Page - Emcore Corporation NMOA8200WDM-XX64-1013 Datasheet HTML 2Page - Emcore Corporation NMOA8200WDM-XX64-1013 Datasheet HTML 3Page - Emcore Corporation NMOA8200WDM-XX64-1013 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATASHEET | DECEMBER 2011
FIBER OPTICS
| REV 2011.12
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
CATV Supertrunking
High Power Distribution Networks
Redundant Ring Architectures
FTTx Networks
Features
High Saturation Output Power up to
36 dBM
Dual Power Supplies, Redundant &
Hot Swappable – AC or DC
Front Panel Optical Input & Output
Monitor Ports
SNMPv2 Control Interface
Low Noise Figure for CATV
Wide Input Dynamic Range
Very Stable Output Power Over a Wide
Operating Temperature Range
NMOA8200 Series
This product line is a family of state-of-the-art high performance CATV erbium doped
fiber amplifiers (EDFA) or erbium/ytterbium doped fiber amplifiers (EYDFA). Packaged
in convenient 2RU housing, this line of fiber amplifiers uses the latest DSP technology
at the core of electrical control circuitry resulting in superior output power stability &
exceptionally low noise figures demanded by CATV applications.
The NMOA8200 provides very stable optical outputs over a wide operating
temperature range. Internally it is supported with input and output isolators for
enhanced system stability and performance. Optical power is continuously monitored
at the input and output for automatic power control during operation over a wide
operating temperature range.
The NMOA8200 offers a rich set of features. These include remote management
capability through SNMPv2 and telnet. The NMOA8200 also supports MIBs specified
by SCTE (Society of Cable Television Engineers) for this product class. Additionally,
the front panel’s LCD and button provides the operator with the option to both monitor
the status of the amplifier and control/operate the amplifier locally.
Optional Features
Automatic Power Control and/or Automatic Gain Control Modes
Port Count, Optical Power, and Connector Style Options
Integrated per Channel WDM for FTTx PON Applications
Monitors & Alarms
Loss of Input Signal
Loss of Output Power
Pump Laser Diode Bias Current
Pump LD Temperature
Case Temperature
Redundant Power Supplies
Redundant Fans
NMOA8200 Series CATV Fiber Amplifier


Similar Part No. - NMOA8200WDM-XX64-1013

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8200WDM-XX64-1013 EMCORE-NMOA8200WDM-XX64-1013 Datasheet
143Kb / 4P
   CATV Fiber Amplifier
More results

Similar Description - NMOA8200WDM-XX64-1013

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
NMOA8100GFF-XX01-1001 EMCORE-NMOA8100GFF-XX01-1001_13 Datasheet
428Kb / 4P
   CATV Fiber Amplifier
NMOA8200 EMCORE-NMOA8200 Datasheet
143Kb / 4P
   CATV Fiber Amplifier
MEDALLION7200 EMCORE-MEDALLION7200 Datasheet
550Kb / 6P
   CATV Fiber Amplifier
NMOA8200WDM-XX01-1001 EMCORE-NMOA8200WDM-XX01-1001_13 Datasheet
452Kb / 4P
   CATV Fiber Amplifier
MEDALLION7100 EMCORE-MEDALLION7100 Datasheet
532Kb / 5P
   CATV Fiber Amplifier
MEDALLION7110 EMCORE-MEDALLION7110 Datasheet
545Kb / 6P
   CATV Fiber Amplifier
logo
SJM Prewell. All Rights...
PK857 SJM-PK857 Datasheet
220Kb / 3P
   CATV Amplifier
PW111 SJM-PW111_V01 Datasheet
214Kb / 3P
   CATV Amplifier
PT818 SJM-PT818 Datasheet
462Kb / 5P
   CATV Amplifier
PW470 SJM-PW470 Datasheet
326Kb / 4P
   CATV Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com