Electronic Components Datasheet Search |
|
CPCI-154-1203M Datasheet(PDF) 2 Page - SL Power Electronics |
|
CPCI-154-1203M Datasheet(HTML) 2 Page - SL Power Electronics |
2 / 6 page Condor D.C. Power Supplies, Inc. • 2311 Statham Parkway, Oxnard, CA 93033 800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com CompactPCI® SYSTEM POWER SUPPLIES AC INPUT: 90-264 Vac continuous range, 47 to 63 Hz. POWER FACTOR: 0.99 typical at full load. Meets EN61000-3-2. INRUSH: CPCI-154, 204 MODELS: Cold start ac current is less than 15 A at 115 Vac, and 30 A at 230 Vac. Limited by thermistor. CPCI-354 MODELS: Cold start ac current is less than 30 A at 115 Vac, and 60 A at 230 Vac. Limited by thermistor. BROWNOUT PROTECTION: Holds regulation to 85 Vac (30 seconds maximum) HOLDUP TIME: 16 ms minimum after removal of power at full load. 10 ms minimum for CPCI 200s. EFFICIENCY: 70% typical. DC INPUT: 36-72 Vdc EFFICIENCY: 75% typical FAIL# SIGNAL: TTL compatible signal. Signal goes low under the following conditions: Any of 4 outputs fail; an overtemperature shutdown; or an overvoltage shutdown. SPECIFICATIONS EMI: CONDUCTED RFI Meets FCC Part 15, Subpart J, class B; EN55022 class A; CISPR 22 class B. All 150 W and 200 W models class A FAIL# SIGNAL: TTL compatible signal. Signal goes low under the following conditions: CPCI-154 & CPCI-204 Models (all connector types): Outputs #1 or #2 fail; an overcurrent condition on outputs #1, #2, or #3; an overtemperature shutdown; an overvoltage shutdown; or an ac input failure (5ms warning before outputs shutdown). CPCI-354 & CPCI-354T Models: Any of 4 outputs fail; an overtemperature shutdown; an overvoltage shutdown; or an ac input failure (5ms warning before outputs shut down). SPECIFICATIONS DPCI SERIES 150 to 350 WATTS, QUAD OUTPUT, 48 VDC INPUT, HOT SWAP CPCI SERIES 150 to 350 WATTS,AC INPUT WITH PFC, QUAD OUTPUT, HOT SWAP 48 VDC INPUT AC INPUT * For full output current capability on V2, V3, V4. * For full output current capability on V2, V3, V4. Min. Load Maximum Output Model Power Output 1 Output 2 Output 3 Output 4 on V1* From V1 & V2 CPCI-154-1203 150 W 5.0 V @ 25A 3.3 V @ 20 A 12 V @ 5.5 A -12 V @ 0.5 A 2.5 A 25 A CPCI-154-1203M 150 W 5.0 V @ 25 A 3.3 V @ 20 A 12 V @ 5.5 A -12 V @ 0.5 A 2.5 A 25 A CPCI-204-1203 200 W 5.0 V @ 25 A 3.3V @ 30 A 12 V @ 5.5 A -12 V @ 0.5 A 3.0 A 35 A CPCI-204-1203M 200 W 5.0 V @ 25 A 3.3 V @ 25 A 12 V @ 5.5 A -12 V @ 0.5 A 2.5 A 35 A CPCI-354-1203 350 W 5.0 V @ 50 A 3.3 V @ 40 A 12 V @ 12 A -12 V @ 4 A 5.0 A 65 A CPCI-354T-1203 350 W 5.0 V @ 50 A 3.3 V @ 40 A 12 V @ 12 A -12 V @ 4 A 5.0 A 65 A Min. Load Maximum Output Model Power Output 1 Output 2 Output 3 Output 4 on V1* From V1 & V2 DPCI-154-1203 150 W 5 V @ 25 A 3.3 V @ 20 A 12 V @ 5.5 A -12 V @ 0.5 A 2.5 A 25 A DPCI-154-1203M 150 W 5 V @ 25 A 3.3 V @ 20 A 12 V @ 5.5 A -12 V @ 0.5 A 2.5 A 25 A DPCI-204-1203 200 W 5 V @ 25 A 3.3 V @ 30 A 12 V @ 5.5 A -12 V @ 0.5 A 3.0 A 35 A DPCI-204-1203M 200 W 5 V @ 25 A 3.3 V @ 25 A 12 V @ 5.5 A -12 V @ 0.5 A 2.5 A 35 A DPCI-354-1203 350 W 5 V @ 50 A 3.3 V @ 40 A 12 V @ 12 A -12 V @ 4 A 5.0 A 65 A DPCI-354T-1203 350 W 5 V @ 50 A 3.3 V @ 40 A 12 V @ 12 A -12 V @ 4 A 5.0 A 65 A |
Similar Part No. - CPCI-154-1203M |
|
Similar Description - CPCI-154-1203M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |