Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9139 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9139
Description  SMC Plug to BNC Male Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9139 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9139 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9139 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9139 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smc-plug-bnc-male-straight-adapter-pe9139-p.aspx
SMC Plug to BNC Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMC Plug to BNC Male Adapter
PE9139
PE9139 REV


Similar Part No. - PE9139

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91390 PASTERNACK-PE91390 Datasheet
357Kb / 4P
   Low PIM 7/16 DIN Male to 4.3-10 Female Adapter
PE91391 PASTERNACK-PE91391 Datasheet
356Kb / 4P
   Low PIM 7/16 DIN Female to 4.3-10 Male Adapter
PE91392 PASTERNACK-PE91392 Datasheet
357Kb / 3P
   TNC Female to 7/16 DIN Female Adapter
PE91395 PASTERNACK-PE91395 Datasheet
356Kb / 4P
   Slide-On BMA Jack to BMA Jack Slide-On Adapter
PE91396 PASTERNACK-PE91396 Datasheet
360Kb / 4P
   Slide-On BMA Plug to SMA Male Adapter
More results

Similar Description - PE9139

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9138 PASTERNACK-PE9138 Datasheet
249Kb / 2P
   SMC Jack to BNC Male Adapter
PE9138 PASTERNACK-PE9138 Datasheet
249Kb / 2P
   SMC Jack to BNC Male Adapter
PE9141 PASTERNACK-PE9141 Datasheet
251Kb / 3P
   SMC Plug to BNC Female Adapter
PE9141 PASTERNACK-PE9141 Datasheet
251Kb / 3P
   SMC Plug to BNC Female Adapter
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
   50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
PE9318 PASTERNACK-PE9318 Datasheet
248Kb / 2P
   N Male to SMC Plug Adapter
PE9148 PASTERNACK-PE9148 Datasheet
245Kb / 3P
   SMA Male to SMC Plug Adapter
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
   SMC Plug to SMC Plug Adapter
PE9117 PASTERNACK-PE9117 Datasheet
250Kb / 3P
   SMC Plug to SMC Plug Adapter
PE9393 PASTERNACK-PE9393 Datasheet
248Kb / 2P
   SSMB Plug to BNC Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com