Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPCI-354-1203 Datasheet(PDF) 1 Page - SL Power Electronics

Part # CPCI-354-1203
Description  The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CPCI-354-1203 Datasheet(HTML) 1 Page - SL Power Electronics

  CPCI-354-1203 Datasheet HTML 1Page - SL Power Electronics CPCI-354-1203 Datasheet HTML 2Page - SL Power Electronics CPCI-354-1203 Datasheet HTML 3Page - SL Power Electronics CPCI-354-1203 Datasheet HTML 4Page - SL Power Electronics CPCI-354-1203 Datasheet HTML 5Page - SL Power Electronics CPCI-354-1203 Datasheet HTML 6Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Condor D.C. Power Supplies, Inc. • 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
CompactPCI® SYSTEM POWER SUPPLIES
FEATURES:
150 W and 200 W in 3U x 8HP, 350 W in 6U x 8HP
Fully compliant with PICMG CompactPCI
® specifications
Current sharing and internal OR-ing diodes for N+1 redundancy
High current 5 V and 3.3 V outputs
CompactPCI® package requires only 15 cfm of external cooling air
Universal ac input versions with power factor correction
48 Vdc input versions
EXECUTIVE MEMBER
CPCI SERIES 150 to 350 Watts, Ac Input with PFC
DCPI SERIES 150 to 350 Watts, 48 Vdc Input
3U x 8 HP
The CPCI series (ac input) and DPCI series (dc input) are highly reliable
power supplies for CompactPCI systems, which are increasingly used
in communications, industrial, military/aerospace, and other applications.
These power supplies offer high power density in plug-in modules
that meet the requirements of the PICMG
® power interface specification
for CompactPCI systems.
These units may be used as a single power supply for a CompactPCI
system, or multiple units may be used in parallel for higher power capabil-
ity as needed. In addition, all units include current sharing, internal
OR-ing diodes, and a hot plug input/output connector to offer full hot
swap capability and N+1 redundancy. Also, compatible ac and dc input
units offer standardization on a single power supply series for a system
mechanical configuration.
6U x 8 HP
Connector
Input
Power
Model No.
47 Pin Modular
Ac
350 W
CPCI-354T-1203
Dc
350 W
DPCI-354T-1203
38 Pin Modular
Ac
350 W
CPCI-354-1203
Dc
350 W
DPCI-354-1203
Connector
Input
Power
Model No.
47 Pin Modular
150 W
CPCI-154-1203
200 W
CPCI-204-1203
150 W
DPCI-154-1203
200 W
DPCI-204-1203
DIN “M”
150 W
CPCI-154-1203M
200 W
CPCI-204-1203M
150 W
DPCI-154-1203M
200 W
DPCI-204-1203M
Ac
Dc
Ac
Dc


Similar Part No. - CPCI-354-1203

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CPCI-354-1203 SLPOWER-CPCI-354-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-354-1203 SLPOWER-CPCI-354-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-354-1203 SLPOWER-CPCI-354-1203 Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
More results

Similar Description - CPCI-354-1203

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
DPCI-150_DD SLPOWER-DPCI-150_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-204_DD SLPOWER-DPCI-204_DD Datasheet
293Kb / 4P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
DPCI-350_DD SLPOWER-DPCI-350_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-350_DD SLPOWER-CPCI-350_DD Datasheet
176Kb / 6P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
CPCI-204_DD SLPOWER-CPCI-204_DD Datasheet
293Kb / 4P
   The CPCI series (ac input) and DPCI series (dc input) are highly reliable power supplies for CompactPCI systems, which are increasingly used in communications, industrial, military/aerospace, and other applications.
logo
Amphenol Corporation
ER22BB11 AMPHENOL-ER22BB11 Datasheet
1Mb / 2P
   The markets and application for the ePower series include but are not limited to the following found in both the Military Aerospace and Industrial segments
logo
Power-One
PCU5 POWER-ONE-PCU5 Datasheet
40Kb / 2P
   Controllers are used in PPS5 and PPS7 Power Systems.
logo
SPANSION
MB9AAA0N SPANSION-MB9AAA0N Datasheet
3Mb / 109P
   The MB9AAA0N Series are highly integrated
MB9AB40NB SPANSION-MB9AB40NB Datasheet
4Mb / 129P
   The MB9AB40NB Series are highly integrated
MB9A340NB SPANSION-MB9A340NB Datasheet
4Mb / 125P
   The MB9A340NB Series are highly integrated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com