Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CENB1130 Datasheet(PDF) 1 Page - SL Power Electronics

Part # CENB1130
Description  ITE Switch-Mode Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CENB1130 Datasheet(HTML) 1 Page - SL Power Electronics

  CENB1130 Datasheet HTML 1Page - SL Power Electronics CENB1130 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
______________________________________________________________________________________________________________________________ 1 of 2
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
RoHS
Specifications
All Specifications are typical at nominal input, full load at 25°C unless otherwise stated.
AC Input
100-240Vac, +/-10%, 47-63 Hz, 1∅
MTBF
100,000 hours calculated
Input Current
100 Vac: 2.2 A
Hold-up Time
18 ms min. @ 115Vac, 60 ms min. @ 230 Vac
Inrush Current
60A peak @ 264Vac, cold start
Overload Protection
Hiccup Mode
Input Fuse
3.15A, 250V Internal Primary Current Fuse provided
Short Circuit Protection
Hiccup Mode
Efficiency
Meets International Efficiency Level V
Topology
Switching – Fixed Frequency Flyback
Output Voltage
See chart
Safety and EMC Approvals
EN/IEC/CSA/UL60950-1, 2
nd Edition
EMC: See chart
Output Power
See chart
Dielectric Withstand
Input-Output: 4,242Vdc
Input-GND: 1,500Vac, Output-GND: 500Vdc
Ripple and Noise
1% pk-pk max., 20MHz BW
Operating Temperature
0° to 40°C, no derating
Line/Load Regulation
Excluding Cord: Line: +/- 1%, Load: +/-5%
Storage Temperature
-30 to +85°C
Transient Response
500µs max., 50% load step, typical
Relative Humidity
5% to 95%, non-condensing
Minimum Load
Not required
Altitude
0 to 10,000 ft
Case Material
Black 94V0 Polycarbonate
Output Connections
Cable: 18AWG, 1,500mm, 4 conductor
Connector: Ault #3, 2.5mm or Ault #51, 6-pin Molex
Case Dimensions 209mm x 64.4mm x 46mm, see mechanical drawing
Weight
700g
EMI/EMC Compliance
Conducted Emissions
FCC Part 15, Class B, EN55022 Class B, EN55024
Radiated Emissions
FCC Part 15, Class B, EN55022 Class B, EN55024
Voltage Fluctuations
EN61000-3-3, Line Flicker
Static Discharge Immunity
EN61000-4-2, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m.
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz..
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode
Conducted RF Immunity
EN61000-4-6, 3Vrms
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m
Voltage Dip Immunity
EN61000-4-11 crit. A, 100Vac 60Hz, 40%/5 cycles with 70% full load.
Line Frequency Harmonics
EN61000-3-2, Class A
CENB1130
Universal Input 130 Watt Series
100-240VAC Universal Input
Meets EISA2007, CEC Efficiency Level V,
EU (EC) No 278/2009 Phase II
Desktop Style
12V to 24V Single Output Models, up to 130W
Modified and Custom Designs Available
Regulated Output with Low Ripple
Impact-Resistant Polycarbonate Enclosure
No Load Power Consumption <0.5W
Meets UL/EN/IEC60950-1, 2
nd Edition
ITE Switch-Mode Power Supply
3 Year Warranty


Similar Part No. - CENB1130

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CENB1100 SLPOWER-CENB1100 Datasheet
241Kb / 2P
   ITE Switch-Mode Power Supply
CENB1100A1251F01 SLPOWER-CENB1100A1251F01 Datasheet
260Kb / 2P
   ITE Switch-Mode Power Supply
CENB1100A1551F01 SLPOWER-CENB1100A1551F01 Datasheet
260Kb / 2P
   ITE Switch-Mode Power Supply
CENB1100A1803F01 SLPOWER-CENB1100A1803F01 Datasheet
260Kb / 2P
   ITE Switch-Mode Power Supply
CENB1100A2403F01 SLPOWER-CENB1100A2403F01 Datasheet
260Kb / 2P
   ITE Switch-Mode Power Supply
More results

Similar Description - CENB1130

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CENB1030 SLPOWER-CENB1030_14 Datasheet
266Kb / 2P
   ITE Switch-Mode Power Supply
CENB1090 SLPOWER-CENB1090 Datasheet
239Kb / 2P
   ITE Switch-Mode Power Supply
PW156 SLPOWER-PW156 Datasheet
238Kb / 2P
   ITE / Switch Mode Power Supply
CENB1121 SLPOWER-CENB1121 Datasheet
254Kb / 2P
   ITE Switch-Mode Power Supply
CENB1121 SLPOWER-CENB1121_13 Datasheet
194Kb / 2P
   ITE Switch-Mode Power Supply
CENB1100 SLPOWER-CENB1100_15 Datasheet
260Kb / 2P
   ITE Switch-Mode Power Supply
CENB1080 SLPOWER-CENB1080_15 Datasheet
281Kb / 2P
   ITE Switch-Mode Power Supply
CENB1100 SLPOWER-CENB1100 Datasheet
241Kb / 2P
   ITE Switch-Mode Power Supply
CENB1020 SLPOWER-CENB1020 Datasheet
411Kb / 2P
   ITE Switch-Mode Power Supply
CENB1080 SLPOWER-CENB1080 Datasheet
239Kb / 2P
   ITE Switch-Mode Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com