Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9125 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9125
Description  N Male to HN Female Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9125 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9125 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9125 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9125 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Male to HN Female Adapter
Configuration
Connector 1
N Male
Connector Specification 1
MIL-STD-348A
Connector 2
HN Female
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 10
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.563 [39.7]
Width/Dia., in [mm]
0.827 [21.01]
.
Dielectric Type
Teflon
Connector 1
Type
N Male
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Connector 2
Type
HN Female
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
N Male to HN Female Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to HN Female Adapter PE9125
PE9125
PE9125 REV


Similar Part No. - PE9125

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91250 PASTERNACK-PE91250 Datasheet
357Kb / 3P
   7 - 16 DIN Female to N Female Adapter IP67 UnMated
PE91251 PASTERNACK-PE91251 Datasheet
356Kb / 3P
   7 - 16 DIN Female to N Male Adapter IP67 UnMated
PE91252 PASTERNACK-PE91252 Datasheet
363Kb / 3P
   Bulkhead 7 - 16 DIN Female to N Female Adapter IP67 UnMated
PE91253 PASTERNACK-PE91253 Datasheet
359Kb / 3P
   4.1 - 9.5 Mini DIN Male to N Male Adapter IP67 UnMated
PE91254 PASTERNACK-PE91254 Datasheet
358Kb / 3P
   4.1 - 9.5 Mini DIN Male to N Female Adapter IP67 UnMated
More results

Similar Description - PE9125

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9194 PASTERNACK-PE9194 Datasheet
253Kb / 3P
   N Female to HN Male Adapter
PE9576 PASTERNACK-PE9576 Datasheet
241Kb / 2P
   HN Male to HN Female Adapter
PE9205 PASTERNACK-PE9205 Datasheet
252Kb / 3P
   HN Male to HN Female Right Angle Adapter
PE9554 PASTERNACK-PE9554 Datasheet
243Kb / 2P
   N Male to HN Male Adapter
PE9126 PASTERNACK-PE9126 Datasheet
253Kb / 3P
   HN Male to BNC Female Adapter
PE9413 PASTERNACK-PE9413 Datasheet
241Kb / 2P
   LC Female to HN Male Adapter
PE9256 PASTERNACK-PE9256 Datasheet
242Kb / 2P
   SMA Male to HN Female Adapter
PE9181 PASTERNACK-PE9181 Datasheet
235Kb / 2P
   LC Male to HN Female Adapter
PE9212 PASTERNACK-PE9212 Datasheet
235Kb / 2P
   HN Female to C Male Adapter
PE9256 PASTERNACK-PE9256 Datasheet
242Kb / 2P
   SMA Male to HN Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com