Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OT-CC-6-1U Datasheet(PDF) 1 Page - Emcore Corporation

Part # OT-CC-6-1U
Description  DWDM Wideband Optical Link
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

OT-CC-6-1U Datasheet(HTML) 1 Page - Emcore Corporation

  OT-CC-6-1U Datasheet HTML 1Page - Emcore Corporation OT-CC-6-1U Datasheet HTML 2Page - Emcore Corporation OT-CC-6-1U Datasheet HTML 3Page - Emcore Corporation OT-CC-6-1U Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SATCOM
DATASHEET | DECEMBER 2012
© 2012 EMCORE Corporation
| REV 2012.12
626-293-3400
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
Optiva Wideband fiber-optic links are optimized to perform
in the 50 to 3000 MHz frequency range providing transparent
signal transportation for satellite antenna applications. The
unique features of the OTS-1LD series include simple push
button peaking for optimum performance and our
patent-pending SmartGain™ Control, which ensures consistent
performance over varied signal conditions. As with all EMCORE
optical products, the highest quality components and modern production tech-
niques insure that intra-facility links provide the highest performance as a cost-
effective alternative to coaxial cable. They provide much longer
transmission distances than copper cables, simplify network design, ease installa-
tion and even enhance immunity from EMI, RFI and lightning. These transmitters
and receivers take the high RF performance and diverse features of EMCORE’s
Ortel technology and combine them into a compact package
compatible with the Optiva Family of OT-CC and OT-DTCR enclosures.
OTS-1LD
DWDM Wideband Optical Link
Features
50 MHz to 2500 MHz DWDM Wideband Optical Link
System Design
Optiva is a completely modular hot-swappable platform. Both 19” rack mount
and compact tabletop or wall-mountable enclosures are available. The 19”
rack-mount enclosure (Model OT-CC-16F-XXX) can support up to 16 insert
cards and provides a single power supply (Model PS-200), or a dual-redun-
dant, hot-swappable power supply option. Compact enclosures are avail-
able with 1, 2 or 6 slots. The one slot (OT-DTCR-1) and two slot (OT-DTCR-2)
enclosures both use an external power supply (PS-9012) and optionally have
a standard 2-pin DC power connector for more custom applications. Like the
OT-CC-16F the six-slot 1 RU enclosure (OT-CC-6) has hot swap redundant pow-
er supply. The Optiva family’s existing wide range of video, audio and data
transport products include a unique Daisy-Chain™ feature that multiplexes
multiple electrical inputs onto a single fiber, thus resulting in an extremely
capable, yet conveniently flexible, signal transport system.
„
50 to 2500 MHz Optimized for IF, L and
S-band Satellite Signals
„
Supports 100 km Links
„
Supports 1310/1550 nm and 36-Channel DWDM
„
30 dB Tx Adjustable Gain Range
„
30 dB Rx Adjustable Gain Range
„
Peak Optimizer for Quick and Easy Setup
„
50 & 75 Ohm BNC or 50 Ohm SMA
„
SmartGain™ for Enhanced AGC Performance
„
Tx & Rx RF Power Monitors Via LED, SMA &
SNMP
„
LNB Power
„
SNMP Monitoring and Control
„
Optically-Isolated DFB Lasers Enable High
Dynamic Range Links
„
Fits in Optiva Enclosures, Which Support
Daisy Chain™ Video, Audio and Data Links
„
16, 6, 2, & 1 Slot Enclosures Available
„
CE & CSA Certified, ROHS


Similar Part No. - OT-CC-6-1U

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OT-CC-6-1U EMCORE-OT-CC-6-1U Datasheet
1Mb / 4P
   CWDM Wideband Optical Link
More results

Similar Description - OT-CC-6-1U

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTS-1L EMCORE-OTS-1L Datasheet
154Kb / 2P
   Wideband Optical Link
OTS-1L EMCORE-OTS-1L_12 Datasheet
936Kb / 3P
   Wideband Optical Link
OTS-1LC EMCORE-OTS-1LC Datasheet
1Mb / 4P
   CWDM Wideband Optical Link
logo
Finisar Corporation.
FTLX3912M3 FINISAR-FTLX3912M3 Datasheet
477Kb / 14P
   High Link Budget, Multi-Rate, DWDM XFP Optical Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com