Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-200-XX Datasheet(PDF) 2 Page - Emcore Corporation

Part # PS-200-XX
Description  Wideband Optical Link
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

PS-200-XX Datasheet(HTML) 2 Page - Emcore Corporation

  PS-200-XX Datasheet HTML 1Page - Emcore Corporation PS-200-XX Datasheet HTML 2Page - Emcore Corporation PS-200-XX Datasheet HTML 3Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SATCOM
DATASHEET | DECEMBER 2012
© 2012 EMCORE Corporation
| REV 2012.12
626-293-3400
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
Performance Highlights
Typical S21
2 dB per division
3.0 GHz
.05 GHz
3.5 GHz
OTS-1L (TX & RX)
5.06 in.
128 mm
3 RU
TX
RX
Enclosure Options
OTS-1L
Wideband Optical Link
1. Wider RF inputs are acceptable, but will set the RF amp gain to its limit.
2. Link RF Gain
dB = TG + RG – 2*FiberLossdBo
(assumes Rin = Rout)
3. dBmo & dBo indicate optical power & loss to minimize confusion with RF dBm & dB
Parameter
Min
Typical
Max
Units
Link
Frequency Range
50 Ohm
75 Ohm
50
50
-
-
3000
2500
MHz
MHz
Optical Loss (C/N>10 dB, BW 36 MHz Carrier Level - 35 dBm)
-
-23
-
dBo
Noise Figure (TG at max, 2150 MHz, 1 dBo loss)
-
13
-
dB
Input IP3 (TG max, 2150 MHz, 1 dBo loss)
-
2
-
dBm
Spur Free Dynamic Range (1 dBo loss)
-
108
-
dB/Hz2/3
Air Temperature
-10
-
50
o
C
TX
RF Input within SGC range1
-
0 to -35
-
dBm
TX Gain (TG) at max, 1 GHz2
0
8
-
dB (W/A)
TG Adjustment Range (reduction from max)
30
-
-
dB
Wavelength
1280
-
1340
nm
Input Return Loss
50-200 MHz
950-2150 MHz
50-3000 MHz
-
-
-
10
15
19
-
-
-
dB
LNB Voltage
Current
16
-
17
-
19
350
V
mA
Optical Power
3
5
6
dBmo
DC Power
LNB Off
-
-
12
-
-
350
V
mA
RX
RF Output (Tx at peak, 1 dBmo into Rx)
-
-8 to -25
-
dBm
RX Gain (RG), at max, 1 GHz2
20
22
-
dB (A/W)
RG Adjustment Range (reduction from max)
30
-
-
dB
Output IP3 (2150 MHz)
20
25
-
dBm
Output 1dB compression (2150 MHz)
-
15
-
dBm
Receiver Sensitivity
-
-20
-
dBmo
Output Return Loss
50-200 MHz
950-2150 MHz
50-3000 MHz
-
-
-
10
15
10
-
-
-
dB
DC Power
-
-
12
-
-
250
V
mA


Similar Part No. - PS-200-XX

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
PS-200-XX EMCORE-PS-200-XX Datasheet
1Mb / 4P
   CWDM Wideband Optical Link
PS-200-XX EMCORE-PS-200-XX Datasheet
1,023Kb / 4P
   DWDM Wideband Optical Link
More results

Similar Description - PS-200-XX

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTS-1L EMCORE-OTS-1L Datasheet
154Kb / 2P
   Wideband Optical Link
OTS-1LD EMCORE-OTS-1LD Datasheet
1,023Kb / 4P
   DWDM Wideband Optical Link
OTS-1LC EMCORE-OTS-1LC Datasheet
1Mb / 4P
   CWDM Wideband Optical Link
logo
Hamamatsu Corporation
L9534 HAMAMATSU-L9534 Datasheet
102Kb / 2P
   Red LED for optical link Red LED for 125 Mbps optical link
S7141-10 HAMAMATSU-S7141-10 Datasheet
71Kb / 2P
   Photo IC for optical link
L8045 HAMAMATSU-L8045 Datasheet
101Kb / 2P
   Red LED for optical link
L10881 HAMAMATSU-L10881_15 Datasheet
184Kb / 3P
   Red LED for optical link
L12557-01SR HAMAMATSU-L12557-01SR_15 Datasheet
273Kb / 4P
   Photo IC for optical link
S7727 HAMAMATSU-S7727_15 Datasheet
243Kb / 3P
   Photo IC for optical link
S8046 HAMAMATSU-S8046 Datasheet
74Kb / 2P
   Photo IC for optical link
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com