Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DK-21192 Datasheet(PDF) 1 Page - SL Power Electronics

Part No. DK-21192
Description  IEC SYSTEM FOR MUTUAL RECOGNITION OF TEST CERTIFICATES FOR ELECTRICAL EQUIPMENT (IECEE) CB SCHEME
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SLPOWER [SL Power Electronics]
Homepage  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

DK-21192 Datasheet(HTML) 1 Page - SL Power Electronics

  DK-21192 Datasheet HTML 1Page - SL Power Electronics DK-21192 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IEC SYSTEM FOR MUTUAL RECOGNITION OF TEST
CERTIFICATES FOR ELECTRICAL EQUIPMENT (IECEE)
CB SCHEME
SYSTEME CEI D’ACCEPTATION MUTUELLE DE CERTIFICATS
D’ESSAIS DES EQUIPEMENTS ELECTRIQUES (IECEE)
METHODE OC
CB TEST CERTIFICATE
CERTIFICAT D’ESSAI OC
Product
Produit
Name and address of the applicant
Nom et adresse du demandeur
Name and address of the manufacturer
Nom et adresse du fabricant
Name and address of the factory
Nom et adresse de l’usine
Note: When more than one factory, please report on page 2
Note: Lorsque il y plus d'une usine, veuillez utiliser la 2
ème page
Ratings and principal characteristics
Valeurs nominales et caractéristiques principales
Trademark (if any)
Marque de fabrique (si elle existe)
Model / Type Ref.
Ref. De type
Additional information (if necessary may also be reported
on page 2)
Les informations complémentaires (si nécessaire, peuvent
être indiqués sur la 2
ème page)
PUBLICATION
EDITION
A sample of the product was tested and found
to be in conformity with
Un échantillon de ce produit a été essayé et a été
considéré conforme à la
As shown in the Test Report Ref. No. which forms part of
this Certificate
Comme indiqué dans le Rapport d’essais numéro de
référence qui constitue partie de ce Certificat
This CB Test Certificate is issued by the National Certification Body
Ce Certificat d’essai OC est établi par l’Organisme National de Certification
Date:
Signature:
UL International Demko A/S
Tel: +45 44856565, Fax: +45 44856500
Lyskaer 8, P.O. Box 514, DK-2730 Herlev, Denmark
Ref. Certif. No.
DK-21192
Switching Power Supply
BRIDGEPOWER CORP
964 GOSAEK-DONG GWONSEON-GU
SUWON-SI GYEONGGI-DO 441-813 KOREA
BRIDGEPOWER CORP
964 GOSAEK-DONG GWONSEON-GU
SUWON-SI GYEONGGI-DO 441-813 KOREA
See appendix
100-240 Vac, 50-60 Hz, 1.5 A, Class I, IP X0
None
See appendix
Output Rating: 12.0 Vdc, 6.5 A or 15.0 Vdc, 5.2 A or 18.0 Vdc,
4.33 A or 24.0 Vdc, 3.25 A
Also investigated to EN 60950-1:2006+A11:2009
IEC 60950-1:2005
2
nd
E300305-A31-CB-2 issue date 2010-12-16
2010-12-16
Jan-Erik Storgaard
Certification manager
Ja
J
J
Ja
Ja
Ja
Ja
Ja
Ja
Ja
J
Ja
Ja
J
J
Ja
Ja
Ja
J
Ja
Ja
J
J
Ja
J
Ja
Ja
J
J
Ja
J
Ja
J
J
Ja
Ja
J
J
J
J
J
Ja
J
J
J
J
J
J
J
J
J
J n-Erik Storgaa
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
ard
rd
rd
rd
rd
rd
rd
rd
d
rd
rd
rrd
rd
rd
rd
d
rd
rrd
d
rrrd
rd
rd
rd
rrd
rrd
rd
rrrd
d
rrrrrrd
rrrr
Certification mana
nna
na
na
na
na
nna
na
na
naa
na
na
na
na
na
nna
na
naaa
na
na
na
na
nnaa
nna
na
na
na
na
nager
C
Ce
C
C
C
C
C
C
C
C
C
C
C
C
C
C
C
C
C
C
C
C rtification mana
na
na
na
na
na
na
na
na
na
naaa
nna
na
naa
nna
na
na
na
nn ger


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn