Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DK-17600-A1 Datasheet(PDF) 6 Page - SL Power Electronics

Part No. DK-17600-A1
Description  IEC SYSTEM FOR MUTUAL RECOGNITION OF TEST CERTIFICATES FOR ELECTRICAL EQUIPMENT (IECEE) CB SCHEME
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SLPOWER [SL Power Electronics]
Homepage  http://www.slpower.com/
Logo 

DK-17600-A1 Datasheet(HTML) 6 Page - SL Power Electronics

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Issue Date:
2009-12-22
Page 2 of 16
Report Reference #
E300305-A45-CB-1
Amendment 1
2010-03-05
TRF No. IECEN60950_1C
UL International Demko A/S
Test item description .................. :
Switching Power Supply
Trade Mark .................................... :
BridgePower
Model/Type reference ................... :
BP*010*05**, BP*010*06**, BP*010*07**, BP*010*09**,
BP*010*12**, BP*010*15**, BP*010*16**, BP*010*18**,
BP*010*24**, BP*010*48**, *ENB1010*05***,*ENB1010*06***,
*ENB1010*07***, *ENB1010*09***, *ENB1010*12***,
*ENB1010*15***, *ENB1010*16***, *ENB1010*18***,
*ENB1010*24***, *ENB1010*48*** (Where * may be alphanumeric,
"for marketing purpose and no impact safety related critical
components and constructions")
Manufacturer ................................. :
BRIDGEPOWER CORP
964 GOSAEK-DONG
GWONSEON-GU
SUWON-SI GYEONGGI-DO 441-813 KOREA
Rating ............................................ :
Rated Input; 100-240Vac, 50-60Hz, 0.3A
Rated Output; 5Vdc, 2.0A or
6Vdc, 2.0A or
7.5Vdc, 1.6A or
9Vdc,1.1A or
12Vdc, 1.0A or
15Vdc, 0.8A or
16Vdc, 0.75A or
18Vdc, 0.67A or
24Vdc, 0.5A or
48Vdc, 0.25A


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn