Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP184 Datasheet(PDF) 8 Page - Analog Devices

Part # OP184
Description  Precision Rail-to-Rail Input & Output Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP184 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP184 Datasheet HTML 4Page - Analog Devices OP184 Datasheet HTML 5Page - Analog Devices OP184 Datasheet HTML 6Page - Analog Devices OP184 Datasheet HTML 7Page - Analog Devices OP184 Datasheet HTML 8Page - Analog Devices OP184 Datasheet HTML 9Page - Analog Devices OP184 Datasheet HTML 10Page - Analog Devices OP184 Datasheet HTML 11Page - Analog Devices OP184 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
FREQUENCY – Hz
210
100
240
300
150
0
1k
100k
10M
90
VS = +5V
TA = +25°C
60
30
120
180
270
10k
1M
AV = 100
AV = 1
AV = 10
Figure 20. Output Impedance vs.
Frequency
FREQUENCY – Hz
210
100
240
300
150
0
1k
100k
10M
90
VS = ±15V
TA = +25°C
60
30
120
180
270
10k
1M
AV = 100
AV = 1
AV = 10
Figure 21. Output Impedance vs.
Frequency
FREQUENCY – Hz
210
100
240
300
150
0
1k
100k
10M
90
VS = +3V
TA = +25°C
60
30
120
180
270
10k
1M
AV = 100
AV = 1
AV = 10
Figure 22. Output Impedance vs.
Frequency
FREQUENCY – Hz
3
1k
4
5
2
0
10k
100k
1M
10M
1
VS = +5V
VIN = 0.5–4.5V
RL = 2kΩ
TA = +25°C
Figure 23. Maximum Output Swing
vs. Frequency
FREQUENCY – Hz
20
1k
25
30
15
5
0
10k
100k
1M
10M
10
VS = ±15V
VIN = ±14V
RL = 2kΩ
TA = +25°C
Figure 24. Maximum Output Swing
vs. Frequency
FREQUENCY – Hz
120
100
140
180
80
–20
1k
100k
10M
40
20
0
60
100
160
10k
1M
VS = ±15V
VS = +5V
TA = +25°C
VS = +3V
Figure 25. CMRR vs. Frequency
FREQUENCY – Hz
100
100
120
160
60
–40
1k
100k
10M
20
TA = +25°C
0
–20
40
80
140
10k
1M
VS = ±15V
VS = +5V
VS = +3V
Figure 26. PSRR vs. Frequency
CAPACITIVE LOAD – pF
80
70
0
10
100
1000
60
50
40
30
20
10
–OS
+OS
VS = ±2.5V
TA = +25°C, AVCL = 1
VIN = ±50mV
Figure 27. Small Signal Overshoot
vs. Capacitive Load
TEMPERATURE –
°C
7
0
–50
125
–25
0
75
100
6
3
2
1
5
4
25
50
+SLEW RATE
–SLEW RATE
VS = ±15V
RL = 2kΩ
VS = +5V
RL = 2kΩ
+SLEW RATE
–SLEW RATE
Figure 28. Slew Rate vs. Temperature
REV. 0
–8–
OP184/OP284/OP484–Typical Performance Characteristics


Similar Part No. - OP184

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP184 AD-OP184 Datasheet
248Kb / 5P
   Technical Article
OP184 AD-OP184 Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
OP184 AD-OP184 Datasheet
153Kb / 3P
   Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop Using an Active Loop Filter and RF Prescaler
REV. A
More results

Similar Description - OP184

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP484 AD-OP484_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8615 AD-AD8615_05 Datasheet
403Kb / 20P
   Precision, 20 MHz, CMOS, Rail-to-Rail Input/Output Operational Amplifiers
Rev. C
AD8615 AD-AD8615 Datasheet
190Kb / 5P
   Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com