Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE35606-12 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE35606-12
Description  2.92mm Male to 2.4mm Male Precision Cable 12 Inch Length Using 095 Series Coax, RoHS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35606-12 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE35606-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35606-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35606-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
Noryl
Connector 2
Type
2.4mm Male
Configuration
Straight
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
Noryl
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
2.92mm Male to 2.4mm Male Precision Cable 12 Inch Length Using 095 Series Coax, RoHS from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.4mm Male Precision Cable 12 Inch Length Using 095 Series Coax, RoHS
PE35606-12
URL: http://www.pasternack.com/2.92mm-male-2.4mm-male-095-series-cable-assembly-pe35606-12-p.aspx
PE35606-12 REV
PE35606-12
2.92mm Male to 2.4mm Male Precision Cable
12 Inch Length Using 095 Series Coax, RoHS


Similar Part No. - PE35606-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35606-12 PASTERNACK-PE35606-12 Datasheet
230Kb / 3P
   2.92mm Male to 2.4mm Male Precision Cable 12 Inch Length Using 095 Series Coax, RoHS
More results

Similar Description - PE35606-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35606-12 PASTERNACK-PE35606-12 Datasheet
230Kb / 3P
   2.92mm Male to 2.4mm Male Precision Cable 12 Inch Length Using 095 Series Coax, RoHS
PE35611-12 PASTERNACK-PE35611-12 Datasheet
225Kb / 3P
   2.4mm Male to 2.4mm Male Precision Cable 12 Inch Length Using 095 Series Coax, RoHS
PE35591-12 PASTERNACK-PE35591-12 Datasheet
235Kb / 4P
   2.92mm Male to 2.92mm Male Precision Cable 12 Inch Length Using 095 Series Coax, RoHS
PE35606-6 PASTERNACK-PE35606-6 Datasheet
230Kb / 3P
   2.92mm Male to 2.4mm Male Precision Cable 6 Inch Length Using 095 Series Coax, RoHS
PE35606-72 PASTERNACK-PE35606-72 Datasheet
230Kb / 3P
   2.92mm Male to 2.4mm Male Precision Cable 72 Inch Length Using 095 Series Coax, RoHS
PE35606-18 PASTERNACK-PE35606-18 Datasheet
230Kb / 3P
   2.92mm Male to 2.4mm Male Precision Cable 18 Inch Length Using 095 Series Coax, RoHS
PE35606-30 PASTERNACK-PE35606-30 Datasheet
230Kb / 3P
   2.92mm Male to 2.4mm Male Precision Cable 30 Inch Length Using 095 Series Coax, RoHS
PE35606-36 PASTERNACK-PE35606-36 Datasheet
230Kb / 3P
   2.92mm Male to 2.4mm Male Precision Cable 36 Inch Length Using 095 Series Coax, RoHS
PE35606 PASTERNACK-PE35606 Datasheet
230Kb / 3P
   2.92mm Male to 2.4mm Male Precision Cable Using 095 Series Coax, RoHS
PE35611-24 PASTERNACK-PE35611-24 Datasheet
225Kb / 3P
   2.4mm Male to 2.4mm Male Precision Cable 24 Inch Length Using 095 Series Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com