Electronic Components Datasheet Search |
|
0442082 Datasheet(PDF) 1 Page - PHOENIX CONTACT |
|
0442082 Datasheet(HTML) 1 Page - PHOENIX CONTACT |
1 / 5 page https://www.phoenixcontact.com/us/produkte/0442082 14.05.2012 Page 1 / 5 Ground modular terminal block - USLKG 10N-1 - 0442082 Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's documentation. Our General Terms of Use for Downloads are valid (http://download.phoenixcontact.com) Ground modular terminal block, Connection method: Screw connection, Cross section: 0.5 mm² - 16 mm², AWG 20 - 6, Width: 10.2 mm, Color: green-yellow, Mounting type: NS 35/15-2,3 Product description Ground modular terminal block, Connection method: Screw connection, Cross section: 0.5 mm² - 16 mm², AWG 20 - 6, Width: 10.2 mm, Color: green-yellow, Mounting type: NS 35/15-2,3 Key commercial data Packing unit 1 Minimum order quantity 1 Catalog page Page 412 (CL1-2011) GTIN Weight per piece (including packing) 0.0 GRM Weight per Piece (excluding packing) 31.48 GRM Country of origin GERMANY Technical data General Number of levels 1 Number of connections 2 Color green-yellow Insulating material PA Inflammability class according to UL 94 V0 Dimensions Width 10.2 mm Length 42.5 mm Height NS 35/7.5 47 mm Height NS 35/15 54.5 mm Height NS 32 52 mm |
Similar Part No. - 0442082 |
|
Similar Description - 0442082 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |