Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0441517 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 0441517
Description  Ground modular terminal block, Connection method: Screw connection, Cross section
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0441517 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0441517 Datasheet HTML 1Page - PHOENIX CONTACT 0441517 Datasheet HTML 2Page - PHOENIX CONTACT 0441517 Datasheet HTML 3Page - PHOENIX CONTACT 0441517 Datasheet HTML 4Page - PHOENIX CONTACT 0441517 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/0441517
14.05.2012   Page 1 / 5
Ground modular terminal block - USLKG 5-1 - 0441517
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Ground modular terminal block, Connection method: Screw connection, Cross section: 0.2 mm² - 6
mm², AWG 24 - 10, Width: 6.2 mm, Color: green-yellow, Mounting type: NS 35/15-2,3
Product description
Ground modular terminal block, Connection method: Screw connection, Cross section: 0.2 mm² - 6 mm², AWG 24 - 10, Width: 6.2 mm,
Color: green-yellow, Mounting type: NS 35/15-2,3
   
Key commercial data
Packing unit
1
Minimum order quantity
50
Catalog page
Page 411 (CL1-2011)
GTIN
Weight per piece (including packing)
0.0 GRM
Weight per Piece (excluding packing)
21.77 GRM
Country of origin
GERMANY
Technical data
General
Note
When aligning with a feed-through terminal block with the same
shape, an end cover must be interposed with insulation voltages of
> 690 V
Number of levels
1
Number of connections
2
Color
green-yellow
Insulating material
PA
Inflammability class according to UL 94
V0
Dimensions
Width
6.2 mm
Length
42.5 mm
Height NS 35/7.5
47 mm
Height NS 35/15
54.5 mm


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn