Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0441517 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part No. 0441517
Description  Ground modular terminal block, Connection method: Screw connection, Cross section
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0441517 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0441517 Datasheet HTML 1Page - PHOENIX CONTACT 0441517 Datasheet HTML 2Page - PHOENIX CONTACT 0441517 Datasheet HTML 3Page - PHOENIX CONTACT 0441517 Datasheet HTML 4Page - PHOENIX CONTACT 0441517 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/0441517
14.05.2012   Page 4 / 5
Ground modular terminal block - USLKG 5-1 - 0441517
Approvals
cUL Recognized 
 
 
mm²/AWG/kcmil
26-10
GOST 
GOST 
cULus Recognized 
Accessories
Accessories
Assembly
DIN rail - NS 35/15-2,3 UNPERF 2000MM - 1201798
DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15 mm, width 35 mm, length: 2 m
 
 
Marking
Zack marker strip - ZB 6:SO/CMS - 1050499
Zack marker strip, white, For terminal block width: 6 mm
 
 
Marker cards - SBS 6:UNBEDRUCKT - 1007222
Marker cards, Card, white, Unlabeled, Can be labeled with: Plotter, Mounting type: Snap into tall marker groove, Snap into flat marker groove, For terminal block width: 6.2 mm, Lettering field: 6 x 6.1 mm
 
 
Drawings


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn