Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0424026 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0424026
Description  Power terminal block, Connection method Screw connection, Load current
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0424026 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0424026 Datasheet HTML 1Page - PHOENIX CONTACT 0424026 Datasheet HTML 2Page - PHOENIX CONTACT 0424026 Datasheet HTML 3Page - PHOENIX CONTACT 0424026 Datasheet HTML 4Page - PHOENIX CONTACT 0424026 Datasheet HTML 5Page - PHOENIX CONTACT 0424026 Datasheet HTML 6Page - PHOENIX CONTACT 0424026 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/0424026
14.05.2012   Page 4 / 7
Power terminal block - AKG 35 GNYE - 0424026
Accessories
Assembly
Support - ABN 2/SS - 0404460
Double support, insulating material, optionally for use with 3 x 10 mm or 6 x 6 mm busbar, height in closed state: 39 mm
 
 
Support - UAB 1 - 3032431
Support, Width: 2 mm, Color: blue
 
 
Support - AB/SS - 0404428
Support made of insulating material, with retaining screw, for use with either 3 x 10 mm or 6 x 6 mm busbar, color: gray
 
 
Support - AB2/SS - 0404431
Double support, insulating material, optionally for use with 3 mm x 10 mm or 6 mm x 6 mm busbar, height: 48 mm
 
 
Neutral busbar - NLS-CU 3/10 SN 1000MM - 0402174
PEN conductor busbar, 3mm x 10 mm, length: 1000 mm
 
 
Marking


Similar Part No. - 0424026

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0424000004 MOLEX5-0424000004 Datasheet
186Kb / 4P
   Flat Blade Appliance Defrost Timer Connector, 4 Circuit
0424002001 MOLEX5-0424002001 Datasheet
186Kb / 4P
   Flat Blade Appliance Defrost Timer Connector, 4 Circuit
logo
PHOENIX CONTACT
0424013 PHOENIX-0424013 Datasheet
110Kb / 7P
   Power terminal block, Connection method Screw connection, Load current
0424039 PHOENIX-0424039 Datasheet
109Kb / 7P
   Power terminal block, Connection method Screw connection, Load current
More results

Similar Description - 0424026

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0423014 PHOENIX-0423014 Datasheet
114Kb / 7P
   Power terminal block, Connection method Screw connection, Load current
0424039 PHOENIX-0424039 Datasheet
109Kb / 7P
   Power terminal block, Connection method Screw connection, Load current
0404046 PHOENIX-0404046 Datasheet
108Kb / 7P
   Power terminal block, Connection method Screw connection, Load current
0421016 PHOENIX-0421016 Datasheet
118Kb / 7P
   Power terminal block, Connection method Screw connection, Load current
0424013 PHOENIX-0424013 Datasheet
110Kb / 7P
   Power terminal block, Connection method Screw connection, Load current
0421032 PHOENIX-0421032 Datasheet
117Kb / 7P
   Power terminal block, Connection method Screw connection, Load current
0449014 PHOENIX-0449014 Datasheet
63Kb / 4P
   Ground modular terminal block, Connection method: Screw connection, Load current
0421045 PHOENIX-0421045 Datasheet
123Kb / 6P
   Power terminal block, Connection method: Screw connection, Cross section
0441106 PHOENIX-0441106 Datasheet
64Kb / 5P
   Ground modular terminal block, Connection method: Screw connection, Cross section
0441119 PHOENIX-0441119 Datasheet
91Kb / 8P
   Ground modular terminal block, Connection method: Screw connection, Cross section
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com