Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28712 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28712
Description  Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28712 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC28712 Datasheet HTML 5Page - Texas Instruments UCC28712 Datasheet HTML 6Page - Texas Instruments UCC28712 Datasheet HTML 7Page - Texas Instruments UCC28712 Datasheet HTML 8Page - Texas Instruments UCC28712 Datasheet HTML 9Page - Texas Instruments UCC28712 Datasheet HTML 10Page - Texas Instruments UCC28712 Datasheet HTML 11Page - Texas Instruments UCC28712 Datasheet HTML 12Page - Texas Instruments UCC28712 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LC
S1
CS
D
PA
LC
P
K
R
R
t
N
R
L
´
´
´
´
=
CCR
PS
CS
XFMR
OCC
V
N
R
2I
´
=
´
h
UCC28710, UCC28711
UCC28712, UCC28713
UCC28714, UCC28715
www.ti.com
SLUSB86 – NOVEMBER 2012
CS (Current Sense): The current-sense pin is connected through a series resistor (RLC) to the current-sense
resistor (RCS). The current-sense threshold is 0.78 V for IPP(max) and 0.195 V for IPP(min). The series resistor RLC
provides the function of feed-forward line compensation to eliminate change in IPP due to change in di/dt and the
propagation delay of the internal comparator and MOSFET turn-off time. There is an internal leading-edge
blanking time of 235 ns to eliminate sensitivity to the MOSFET turn-on current spike. It should not be necessary
to place a bypass capacitor on the CS pin. The value of RCS is determined by the target output current in
Constant Current (CC) regulation. The values of RCS and RLC can be determined by the equations below. The
term
ηXFMR is intended to account for the energy stored in the transformer but not delivered to the secondary.
This includes transformer resistance and core loss, bias power, and primary-to-secondary leakage ratio.
Example: With a transformer core and winding loss of 5%, primary-to-secondary leakage inductance of 3.5%,
and bias power to output power ratio of 1.5%. The
ηXFMR value is approximately: 1 - 0.05 - 0.035 - 0.015 = 0.9.
where
VCCR is a current regulation constant (see ELECTRICAL CHARACTERISTICS),
NPS is the transformer primary-to-secondary turns ratio (a ratio of 13 to 15 is recommended for 5-V output),
IOCC is the target output current in constant-current regulation,
ηXFMR is the transformer efficiency.
(3)
where
RS1 is the VS pin high-side resistor value,
RCS is the current-sense resistor value,
t D is the current-sense delay including MOSFET turn-off delay, add ~50 ns to MOSFET delay,
NPA is the transformer primary-to-auxiliary turns ratio,
LP is the transformer primary inductance,
KLC is a current-scaling constant (see ELECTRICAL CHARACTERISTICS).
(4)
CBC (Cable Compensation), Pin 3 UCC28710, UCC28714, UCC28715: The cable compensation pin is
connected to a resistor to ground to program the amount of output voltage compensation to offset cable
resistance. The cable compensation block provides a 0-V to 3-V voltage level on the CBC pin corresponding to
IOCC(max) output current. The resistance selected on the CBC pin programs a current mirror that is summed into
the VS feedback divider therefore increasing the regulation voltage as IOUT increases. There is an internal series
resistance of 28 k
Ω to the CBC pin which sets a maximum cable compensation of a 5-V output to 400 mV when
CBC is shorted to ground. The CBC resistance value can be determined by the equation below.
where
VOCV is the regulated output voltage,
VF is the diode forward voltage in V,
VOCBC is the target cable compensation voltage at the output terminals,
VCBC(max) is the maximum voltage at the cable compensation pin at the maximum converter output current (see
ELECTRICAL CHARACTERISTICS),
VVSR is the CV regulating level at the VS input (see ELECTRICAL CHARACTERISTICS).
(5)
NTC (NTC Thermistor Shutdown), Pin 3 UCC28711, UCC28712, UCC28713: These versions of the
UCC28710 family utilize pin 3 for an external NTC thermistor to allow user-programmable external thermal shut-
down. The shut-down threshold is 0.95 V with an internal 105-µA current source which results in a 9.05-k
Ω
thermistor shut-down threshold. These controllers have either zero or fixed internal cable compensation.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCC28710, UCC28711 UCC28712, UCC28713 UCC28714, UCC28715


Similar Part No. - UCC28712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28712 TI1-UCC28712 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28712 TI1-UCC28712 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
UCC28712D TI1-UCC28712D Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
UCC28712DR TI1-UCC28712DR Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
More results

Similar Description - UCC28712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI1-UCC28700_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720_15 Datasheet
1Mb / 33P
[Old version datasheet]   UCC28720 Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28700 TI-UCC28700_15 Datasheet
1Mb / 35P
[Old version datasheet]   UCC2870x Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
ON Semiconductor
FL7740 ONSEMI-FL7740 Datasheet
657Kb / 16P
   Constant-Voltage Primary-Side-Regulation PWM Controller
April 2017 - Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com