Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27611DRVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27611DRVT
Description  4-A and 6-A High-Speed 5-V Drive, Optimized Single-Gate Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27611DRVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC27611DRVT Datasheet HTML 5Page - Texas Instruments UCC27611DRVT Datasheet HTML 6Page - Texas Instruments UCC27611DRVT Datasheet HTML 7Page - Texas Instruments UCC27611DRVT Datasheet HTML 8Page - Texas Instruments UCC27611DRVT Datasheet HTML 9Page - Texas Instruments UCC27611DRVT Datasheet HTML 10Page - Texas Instruments UCC27611DRVT Datasheet HTML 11Page - Texas Instruments UCC27611DRVT Datasheet HTML 12Page - Texas Instruments UCC27611DRVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
5
5.2
5.4
5.6
5.8
6
−50
0
50
100
150
Temperature (°C)
VDD = 12 V
CLoad = 1.8nF
G001
5
5.2
5.4
5.6
5.8
6
−50
0
50
100
150
Temperature (°C)
VDD = 12 V
CLoad = 1.8nF
G001
10
12
14
16
18
20
−50
0
50
100
150
Temperature (°C)
Turn−On
Turn−Off
VDD = 12 V
G001
0.2
0.3
0.4
−50
0
50
100
150
Temperature (°C)
UVLO Hysterisis
G001
4.8
4.9
5
−50
0
50
100
150
Temperature (°C)
G001
8
10
12
14
16
18
−50
0
50
100
150
Temperature (°C)
Turn−On
Turn−Off
VDD = 12 V
G001
UCC27611
www.ti.com
SLUSBA5A – DECEMBER 2012
TYPICAL CHARACTERISTICS
Figure 6. Reference Voltage vs. Temperature
Figure 7. IN+ Propagation Delay
Figure 8. IN- Propagation Delay
Figure 9. UVLO Hysteresis
Figure 10. Rise Time
Figure 11. Fall Time
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCC27611


Similar Part No. - UCC27611DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27611 TI1-UCC27611_15 Datasheet
1Mb / 22P
[Old version datasheet]   4-A and 6-A High-Speed 5-V Drive, Optimized Single-Gate Driver
UCC27611 TI1-UCC27611_15 Datasheet
355Kb / 22P
[Old version datasheet]   4-A and 6-A High-Speed 5-V Drive, Optimized Single-Gate Driver
More results

Similar Description - UCC27611DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27611 TI1-UCC27611_15 Datasheet
1Mb / 22P
[Old version datasheet]   4-A and 6-A High-Speed 5-V Drive, Optimized Single-Gate Driver
UCC27611 TI1-UCC27611_15 Datasheet
355Kb / 22P
[Old version datasheet]   4-A and 6-A High-Speed 5-V Drive, Optimized Single-Gate Driver
UCC27523 TI1-UCC27523_13 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27517 TI1-UCC27517_13 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3100C ONSEMI-FAN3100C Datasheet
1Mb / 21P
   Single 2 A High-Speed, Low-Side Gate Driver
December-2017, Rev . 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com