Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EVAL-ADM1023 Datasheet(PDF) 8 Page - Analog Devices

Part No. EVAL-ADM1023
Description  Evaluation Board for Microprocessor System Temperature Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

EVAL-ADM1023 Datasheet(HTML) 8 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EVAL-ADM1023
–8–
REV. A
Preliminary Technical Data
PRELIMINAR
Y
TECHNICAL
DA
TA
ONE-SHOT OPERATION
When the ADM1023 is put into standby mode by setting bit 6 of
the
Configuration
register
or
clicking
on
the
button, a one-shot reading of the
remote temperature may be taken by clicking on the
button. The temperature found
will then be displayed.
CONTROL CENTER
The Control Center tab allows readings to be displayed
graphically on bargraphs or line graphs.
BAR GRAPHS
At the bottom of the Control Center tab are bargraphs for the
local and remote sensors. These can be toggled on and off by
clicking on the
button. The legend will
change to
and clicking again will turn off
the bargraphs. The high and low temperature limits can be
changed by moving the pointer arrows below the bargraphs.
The ADC sampling rate can be changed by rotating the control
knob next to the bargraphs.
ALERT INDICATION
When the Control Center tab is first selected, the Alert Status
Indicator
is off.
If Alert detection is turned on by clicking on the
button. The legend will change to
and the
indicator
will become active. It will change from green to red
when the local or remote temperature
goes outside limits, and the ALERT LED (D2) on the evaluation
board will light. The LED can be turned off by clicking on the
button, provided the temperature has
gone back within limits, or the limits have been adjusted to be
outside the temperature reading. The Alert Status Indicator
automatically changes back to green when the temperature is
within limits. Alert detection can be turned off again by clicking
on
.
Figure 6. Read/Write Program Tab


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn