Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62698YFDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62698YFDR
Description  800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62698YFDR Datasheet(HTML) 4 Page - Texas Instruments

  TPS62698YFDR Datasheet HTML 1Page - Texas Instruments TPS62698YFDR Datasheet HTML 2Page - Texas Instruments TPS62698YFDR Datasheet HTML 3Page - Texas Instruments TPS62698YFDR Datasheet HTML 4Page - Texas Instruments TPS62698YFDR Datasheet HTML 5Page - Texas Instruments TPS62698YFDR Datasheet HTML 6Page - Texas Instruments TPS62698YFDR Datasheet HTML 7Page - Texas Instruments TPS62698YFDR Datasheet HTML 8Page - Texas Instruments TPS62698YFDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS62692, TPS62693
TPS62694, TPS62698
SLVSAZ1 – DECEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum values are at VIN = 2.3V to 5.5V, VOUT = 2.85V, EN = 1.8V, AUTO mode and TA = –40°C to 85°C;
Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at VIN = 3.6V, VOUT =
2.85V, EN = 1.8V, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Thermal shutdown
140
°C
Thermal shutdown
10
°C
hysteresis
OSCILLATOR
fSW
Oscillator frequency
IO = 0mA, PWM mode.
2.7
3
3.3
MHz
OUTPUT
2.65V
≤ VIN ≤ 4.8V, 0mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.03×VNOM
V
PFM/PWM operation
2.65V
≤ VIN ≤ 5.5V, 0mA ≤ IO ≤ 800 mA
TPS62692
0.98×VNOM
VNOM
1.04×VNOM
V
PFM/PWM operation
2.65V
≤ VIN ≤ 5.5V, 0mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.02×VNOM
V
PWM operation
3.15V
≤ VIN ≤ 4.8V, 0mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.03×VNOM
V
PFM/PWM operation
3.15V
≤ VIN ≤ 5.5V, 0mA ≤ IO ≤ 800 mA
TPS62693
0.98×VNOM
VNOM
1.04×VNOM
V
PFM/PWM operation
3.15V
≤ VIN ≤ 5.5V, 0mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.02×VNOM
V
PWM operation
Regulated DC output
voltage
3.25V
≤ VIN ≤ 4.8V, 0mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.03×VNOM
V
PFM/PWM operation
3.25V
≤ VIN ≤ 5.5V, 0mA ≤ IO ≤ 800 mA
TPS62694
0.98×VNOM
VNOM
1.04×VNOM
V
PFM/PWM operation
VOUT
3.25V
≤ VIN ≤ 5.5V, 0mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.02×VNOM
V
PWM operation
3.3V
≤ VIN ≤ 4.8V, 0mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.03×VNOM
V
PFM/PWM operation
3.3V
≤ VIN ≤ 5.5V, 0mA ≤ IO ≤ 800 mA
TPS62698
0.98×VNOM
VNOM
1.03×VNOM
V
PFM/PWM operation
3.3V
≤ VIN ≤ 5.5V, 0mA ≤ IO ≤ 800 mA
0.98×VNOM
VNOM
1.03×VNOM
V
PFM/PWM operation
VIN = VO + 0.5V (min 3.3V) to 5.5V
Line regulation
0.18
%/V
IO = 200 mA
Load regulation
IO = 0mA to 800 mA
-0.0003
%/mA
Feedback input
450
k
resistance
IO = 1mA
65
mVPP
TPS62693
CO = 4.7μF X5R 6.3V 0402
TPS62694
Power-save mode ripple
IO = 1mA
TPS62698
ΔVO
25
mVPP
voltage
CO = 10μF X5R 6.3V 0603
IO = 1mA
TPS62692
22
mVPP
CO = 10μF X5R 6.3V 0603
IO = 0mA, Time from active EN to start
TPS6269x
60
μs
switching
TPS62693
IO = 0mA, Time to ramp from 5% to 95% of
Start-up time
TPS62694
250
μs
VOUT
TPS62698
IO = 0mA, Time to ramp from 5% to 95% of
TPS62692
200
μs
VOUT
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS62692 TPS62693 TPS62694 TPS62698


Similar Part No. - TPS62698YFDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62698YFDR TI1-TPS62698YFDR Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62698YFDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62650 TI1-TPS62650_11 Datasheet
847Kb / 38P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
FEBRUARY2011
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2139CB-1.8EVALZ AD-ADP2139CB-1.8EVALZ Datasheet
544Kb / 20P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. C
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP2138 AD-ADP2138 Datasheet
520Kb / 16P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com