Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65090A Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS65090A
Description  Frontend PMU With Switchmode Charger for 2-3 Cells In Series
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65090A Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65090A Datasheet HTML 17Page - Texas Instruments TPS65090A Datasheet HTML 18Page - Texas Instruments TPS65090A Datasheet HTML 19Page - Texas Instruments TPS65090A Datasheet HTML 20Page - Texas Instruments TPS65090A Datasheet HTML 21Page - Texas Instruments TPS65090A Datasheet HTML 22Page - Texas Instruments TPS65090A Datasheet HTML 23Page - Texas Instruments TPS65090A Datasheet HTML 24Page - Texas Instruments TPS65090A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
5
Output Current (A)
VIN = 7.4 V
VIN = 11.6 V
DCDC1, VOUT = 5 V
G001
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
5
Output Current (A)
VIN = 7.4 V
VIN = 11.6 V
DCDC2, VOUT = 3.3 V
G001
TPS65090A
www.ti.com
SLVSBO6 – JANUARY 2013
Table 2-2. TABLE OF GRAPHS (continued)
DESCRIPTION
REFERENCE
Load transient response, DCDC1, VIN = 11.5 V, load change from
Figure 2-35
400 mA to 5 A
Load transient response, DCDC1, VIN = 15 V, load change from 400
Figure 2-36
mA to 5 A
Load transient response, DCDC2, VIN = 11.5 V, load change from
Figure 2-37
400 mA to 5 A
Load transient response, DCDC2, VIN = 15V, load change from 400
Figure 2-38
mA to 5 A
Load transient response, DCDC3, VOUT = 1.35 V, VIN = 11.5 V, load
Figure 2-39
change from 400 mA to 4.4 A
Load transient response, DCDC3, VOUT = 1.35 V, VIN = 15V, load
Figure 2-40
change from 400 mA to 4.4 A
Line transient response, DCDC1, VIN change from 6 V to 8.4 V, IOUT
Figure 2-41
= 4 A
Waveforms
Line transient response, DCDC2, VIN change from 6 V to 8.4 V, IOUT
Figure 2-42
= 4 A
Line transient response, DCDC3, VOUT = 1.35 V, VIN change from 6
Figure 2-43
V to 8.4 V, IOUT = 4 A
Startup after enable, DCDC1, VIN = 7.5 V, IOUT = 4 A
Figure 2-44
Startup after enable, DCDC2, VIN = 7.5 V, IOUT = 4 A
Figure 2-45
Startup after enable, DCDC3, VOUT = 1.35 V, VIN = 7.5 V, IOUT = 4 A
Figure 2-46
Startup after enable, Charger, VIN = 12 V, IOUT = 4 A
Figure 2-47
Softstart, Charger, VIN = 12 V, IOUT = 4 A
Figure 2-48
Shutdown after disable, Charger, VIN = 12 V, IOUT = 4 A
Figure 2-49
Continuous current mode operation, Charger, VIN = 12 V
Figure 2-50
Discontinuous current mode operation, Charger, VIN = 12 V
Figure 2-51
Adapter input power up and power down, Charger, VIN = 12 V
Figure 2-52
Supplement mode operation, Charger, VIN = 12 V
Figure 2-53
Input DPM operation, Charger, VIN = 12 V
Figure 2-54
Battery removal and insertion, Charger, VIN = 12 V
Figure 2-55
Battery short, Charger, VIN = 12 V
Figure 2-56
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 2-1.
Figure 2-2.
Copyright © 2013, Texas Instruments Incorporated
DEVICE SPECIFICATION
21
Submit Documentation Feedback


Similar Part No. - TPS65090A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65090A TI-TPS65090A Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
TPS65090A TI1-TPS65090A Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
TPS65090ARVNR TI-TPS65090ARVNR Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
TPS65090ARVNR TI1-TPS65090ARVNR Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
TPS65090ARVNT TI-TPS65090ARVNT Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
More results

Similar Description - TPS65090A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65090RVNR TI-TPS65090RVNR Datasheet
2Mb / 67P
[Old version datasheet]   Frontend PMU With Switchmode Charger for 2-3 Cells In
TPS65090 TI1-TPS65090 Datasheet
2Mb / 69P
[Old version datasheet]   Front-End PMU With Switched-Mode Charger for 2 to 3 Cells In Series
logo
Global Mixed-mode Techn...
G2206 GMT-G2206 Datasheet
117Kb / 1P
   63 Channels PMU and Li-ion Battery Charger for DSC
logo
Shenzhen Huazhimei Semi...
HM5082 HMSEMI-HM5082 Datasheet
1Mb / 9P
   3A Synchronous Buck 2 Cells Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
   3A Synchronous Buck 3 Cells Li-ion Charger
logo
Monolithic Power System...
MP2612 MPS-MP2612 Datasheet
588Kb / 20P
   2A,24V Input, 600kHz 2-3 Cells Switching Li-Ion Battery Charger
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
   Channels DC/DC PMU with Li-ion Battery Charger
logo
Seaward Electronics Inc...
SE9093 SEAWARD-SE9093 Datasheet
313Kb / 6P
   8-Pin PMU with Linear Charger and Synchronous Boost
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
   7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
logo
Active-Semi, Inc
ACT88325VA ACTIVE-SEMI-ACT88325VA Datasheet
3Mb / 39P
   Advanced PMU with 3 Bucks, 2 LDOs and Load Bypass Switch
Rev 1.0, 23-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com