Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61310 Datasheet(PDF) 36 Page - Texas Instruments

Part # TPS61310
Description  1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61310 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS61310_12 Datasheet HTML 32Page - Texas Instruments TPS61310_12 Datasheet HTML 33Page - Texas Instruments TPS61310_12 Datasheet HTML 34Page - Texas Instruments TPS61310_12 Datasheet HTML 35Page - Texas Instruments TPS61310_12 Datasheet HTML 36Page - Texas Instruments TPS61310_12 Datasheet HTML 37Page - Texas Instruments TPS61310_12 Datasheet HTML 38Page - Texas Instruments TPS61310_12 Datasheet HTML 39Page - Texas Instruments TPS61310_12 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
TPS61310, TPS61311
SLVS978C – MARCH 2010 – REVISED NOVEMBER 2012
www.ti.com
REGISTER2 DESCRIPTION
Memory location: 0x02
Description
MODE_CTRL[1:0]
ENVM
FC13[4:0]
Bits
D7
D6
D5
D4
D3
D2
D1
D0
Memory type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default value
0
0
0
0
1
0
0
0
Bit
Description
MODE_CTRL[1:0]
Mode Control bits.
00: Device in shutdown mode.
01: Device operates in video light mode.
10: Device operates in flash mode.
11: Device operates as constant voltage source.
To avoid device shutdown by video light safety timeout, MODE_CTRL[1:0] bits need to be refreshed within less
than 13.0s.
Writing to REGISTER2[6:5] automatically updates REGISTER1[6:5].
ENVM
Enable Voltage Mode bit.
0: Normal operation.
1: Forces the device into a constant voltage source.
In read mode, the ENVM bit is automatically updated to reflect the logic state of the ENVM input pin.
FC13[4:0]
Flash Current Control bits (LED1/3).
00000: 0mA.(1) (2)
00001: 25mA
00010: 50mA
00011: 75mA
00100: 100mA
00101: 125mA
00110: 150mA
00111: 175mA
01000: 200mA
01001: 225mA
01010: 250mA
01011: 275mA
01100: 300mA
01101: 325mA
01110: 350mA
01111: 375mA
10000 ... 11111: 400mA
(1)
LEDs are off, VOUT set according to OV[3:0].
(2)
When FC13[4:0] and FC2[5:0] are both reset, the device operates in voltage regulation mode. The output voltage is set according to
OV[3:0].
36
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TPS61310 TPS61311


Similar Part No. - TPS61310_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61310YFF TI-TPS61310YFF Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFT TI-TPS61310YFFT Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
More results

Similar Description - TPS61310_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
OSRAM GmbH
CWCBLPM1.W1 OSRAM-CWCBLPM1.W1 Datasheet
865Kb / 23P
   Camera Flash and Video Light
CWCBLPM1.E1 OSRAM-CWCBLPM1.E1 Datasheet
801Kb / 23P
   Camera Flash and Video Light
LTCN5M-GAHB-25-1 OSRAM-LTCN5M-GAHB-25-1 Datasheet
1Mb / 21P
   Camera Flash and Video Light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com