Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EVAL-ADM1022 Datasheet(PDF) 9 Page - Analog Devices

Part No. EVAL-ADM1022
Description  Evaluation Board for Microprocessor System Temperature Monitor
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

EVAL-ADM1022 Datasheet(HTML) 9 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
EVAL-ADM1022
–9–
REV. B
Alternatively, the entire contents of a register may be
changed by typing a Hex or Decimal value in the “Write”
text box. When the contents of the text box is altered, the
button alongside will change from green to red, signifying
a newly entered value. Clicking on the red button will
write the updated value to the selected register.
This feature is useful where a register contains a numeric
value, such as a temperature limit.
Another useful portion of the form provides info about the
selected register; the address of the register, and the previ-
ous values read and written to/from the register.
Figure 4. Read/Write Program Tab
VISUAL DISPLAY
The Visual Display tab allows all three temperature mea-
surement channels to be monitored and graphed.
EASY SETUP
At the bottom of the Visual Display Tab is the “Easy
Setup” button:-
If the ADM1022 has been configured for only one remote
thermal diode, then pressing “Easy Setup” will graph the
Internal Temperature and the Remote Diode temperature.
If the ADM1022 has been configured for both remote
thermal diode channels, then pressing the “Easy Setup”
button will graph the Internal Temperature and the two
Remote Diode temperature channels.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn